Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV5122 Datasheet (PDF) - Supertex, Inc

HV5122 Datasheet PDF - Supertex, Inc
Part # HV5122
Download  HV5122 Download
File Size   451.64 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With Open Drain Outputs

HV5122 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV5122 Datasheet PDF - Supertex, Inc

Part # HV5122
Download  HV5122 Click to download

File Size   451.64 Kbytes
Page   6 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With Open Drain Outputs

HV5122 Datasheet (HTML) - Supertex, Inc


HV5122 Product details

General Description

The HV51 and HV52 are low voltage serial to high voltage parallel converters with open drain outputs. These devices have been designed for use as drivers for AC electroluminescent displays. They can also be used in any application requiring multiple output high voltage current sinking capabilities such as driving inkjet and electrostatic print heads, plasma panels, vacuum fluorescent, or large matrix LCD displays.



Features

■ Processed with HVCMOS® technology

■ Output voltages to 225V using a ramped supply voltage

■ Sink current minimum 100mA

■ Shift register speed 8MHz

■ Strobe and enable inputs

■ CMOS compatible inputs

■ Forward and reverse shifting options

■ 44-lead ceramic surface mount package

■ Hi-Rel processing available



 




Similar Part No. - HV5122

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5122 SUTEX-HV5122 Datasheet
856Kb / 10P
32-Channel Serial to Parallel Converter With Open Drain Outputs
logo
Microchip Technology
HV5122 MICROCHIP-HV5122 Datasheet
349Kb / 15P
32-Channel, Serial-to-Parallel Converter
07/14/15
HV5122PG-G MICROCHIP-HV5122PG-G Datasheet
349Kb / 15P
32-Channel, Serial-to-Parallel Converter
07/14/15
logo
Supertex, Inc
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
32-Channel Serial to Parallel Converter With Open Drain Outputs
logo
Microchip Technology
HV5122PJ-G MICROCHIP-HV5122PJ-G Datasheet
349Kb / 15P
32-Channel, Serial-to-Parallel Converter
07/14/15
More results


Similar Description - HV5122

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5522 SUTEX-HV5522 Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_07 Datasheet
951Kb / 8P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5622PJ-G SUTEX-HV5622PJ-G Datasheet
468Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5122PJ-G SUTEX-HV5122PJ-G Datasheet
856Kb / 10P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530PJ-G SUTEX-HV5530PJ-G Datasheet
690Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5630 SUTEX-HV5630_13 Datasheet
627Kb / 6P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5622 SUTEX-HV5622_13 Datasheet
800Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5530 SUTEX-HV5530_13 Datasheet
798Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
HV5523 SUTEX-HV5523 Datasheet
734Kb / 6P
32-Channel Serial To Parallel Converter With Open Drain Outputs
HV5522 SUTEX-HV5522_13 Datasheet
812Kb / 8P
32-Channel Serial to Parallel Converter With Open Drain Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com