Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD243 Datasheet (PDF) - Mospec Semiconductor

BD243 Datasheet PDF - Mospec Semiconductor
Part # BD243
Download  BD243 Download
File Size   127.31 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(6A,65W)

BD243 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD243 Datasheet PDF - Mospec Semiconductor

Part # BD243
Download  BD243 Click to download

File Size   127.31 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(6A,65W)

BD243 Datasheet (HTML) - Mospec Semiconductor


BD243 Product details

6 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 45-100 VOLTS 65 WATTS




Similar Part No. - BD243

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD243 POINN-BD243 Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD243 FAIRCHILD-BD243 Datasheet
38Kb / 4P
Medium Power Linear and Switching Applications
logo
Boca Semiconductor Corp...
BD243 BOCA-BD243 Datasheet
133Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD243 BOURNS-BD243 Datasheet
106Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD243 SAVANTIC-BD243 Datasheet
90Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - BD243

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6386 MOSPEC-2N6386 Datasheet
160Kb / 3P
POWER TRANSISTORS(65W)
2N6666 MOSPEC-2N6666 Datasheet
151Kb / 3P
POWER TRANSISTORS(65W)
2SC3153 MOSPEC-2SC3153 Datasheet
127Kb / 3P
POWER TRANSISTORS(6A,800V,100W)
2SD1088 MOSPEC-2SD1088 Datasheet
111Kb / 3P
POWER TRANSISTORS(6A,250V,30W)
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
POWER TRANSISTORS(6A,85V,40W)
BU826 MOSPEC-BU826 Datasheet
75Kb / 2P
POWER TRANSISTORS(6A,375V,125W)
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
TIP41 MOSPEC-TIP41 Datasheet
189Kb / 4P
POWER TRANSISTORS(6A,40-100V,65W)
TIP41D MOSPEC-TIP41D Datasheet
173Kb / 4P
POWER TRANSISTORS(6A,120-160V,65W)
logo
Nell Semiconductor Co.,...
TIP41 NELLSEMI-TIP41 Datasheet
257Kb / 5P
Complementary Silicon Power Transistor 6A/40~100V/65W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com