Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV6008 Datasheet (PDF) - Supertex, Inc

HV6008 Datasheet PDF - Supertex, Inc
Part # HV6008
Download  HV6008 Download
File Size   467.4 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel 짹40V Liquid Crystal Display Row Driver

HV6008 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV6008 Datasheet PDF - Supertex, Inc

Part # HV6008
Download  HV6008 Click to download

File Size   467.4 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel 짹40V Liquid Crystal Display Row Driver

HV6008 Datasheet (HTML) - Supertex, Inc


HV6008 Product details

General Description
Not recommended for new designs.
The HV60 is a 32-channel liquid crystal display driver with 3-state DMOS outputs. Each output can be set to +40V, -40V, or GND. A symmetric waveform can be applied to a capacitive load using the phase shift feature of the HV60.

Features
❏ Symmetrical ± 40V output swing
❏ Active return to GND
❏ 15mA peak source/sink/GND current per channel
❏ +5V control logic
❏ Special shift register with clear
❏ Phase shift control
❏ Output enable
❏ Data out enable
❏ 1MHz shift register
❏ Surface mount package available




Similar Part No. - HV6008

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV6008 SUTEX-HV6008 Datasheet
1Mb / 7P
32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008PG SUTEX-HV6008PG Datasheet
1Mb / 7P
32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008PJ SUTEX-HV6008PJ Datasheet
1Mb / 7P
32-Channel 짹40V Liquid Crystal Display Row Driver
HV6008 SUTEX-HV6008_07 Datasheet
1Mb / 7P
32-Channel 짹40V Liquid Crystal Display Row Driver
More results


Similar Description - HV6008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM145453 NSC-MM145453 Datasheet
100Kb / 5P
Liquid Crystal Display Driver
MM5483 NSC-MM5483 Datasheet
136Kb / 6P
MM5483 Liquid Crystal Display Driver
logo
Panasonic Semiconductor
MN83876A PANASONIC-MN83876A Datasheet
28Kb / 3P
Liquid Crystal Display Panel Source Driver
logo
Sanyo Semicon Device
LC7931D SANYO-LC7931D Datasheet
148Kb / 8P
80-Channel Liquid-crystal Display Driver
logo
Supertex, Inc
HV6008 SUTEX-HV6008_07 Datasheet
1Mb / 7P
32-Channel 짹40V Liquid Crystal Display Row Driver
logo
National Semiconductor ...
MM5483 NSC-MM5483_02 Datasheet
172Kb / 7P
Liquid Crystal Display Driver
MM145453 NSC-MM145453_00 Datasheet
117Kb / 5P
Liquid Crystal Display Driver
logo
Texas Instruments
MM145453VX TI-MM145453VX Datasheet
196Kb / 10P
Liquid Crystal Display Driver
MM5483 TI1-MM5483 Datasheet
330Kb / 11P
Liquid Crystal Display Driver
logo
Toshiba Semiconductor
TC4055BP TOSHIBA-TC4055BP Datasheet
139Kb / 5P
LIQUID-CRYSTAL DISPLAY DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com