Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD249 Datasheet (PDF) - Mospec Semiconductor

BD249 Datasheet PDF - Mospec Semiconductor
Part # BD249
Download  BD249 Download
File Size   131.99 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,125W)

BD249 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD249 Datasheet PDF - Mospec Semiconductor

Part # BD249
Download  BD249 Click to download

File Size   131.99 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(25A,125W)

BD249 Datasheet (HTML) - Mospec Semiconductor


BD249 Product details

COMPLEMENTARY SILICON HIGH-POWER TRANSISTORS




Similar Part No. - BD249

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD249 POINN-BD249 Datasheet
93Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD249 BOURNS-BD249 Datasheet
109Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD249 SAVANTIC-BD249 Datasheet
145Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD249 ISC-BD249 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Bourns Electronic Solut...
BD249 BOURNS-BD249 Datasheet
114Kb / 4P
NPN SILICON POWER TRANSISTORS
More results


Similar Description - BD249

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
POWER TRANSISTORS(8A,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
POWER TRANSISTORS(12A,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
POWER TRANSISTORS(16A,60-100V,125W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
POWER TRANSISTORS(5A,1500V,125W)
BU826 MOSPEC-BU826 Datasheet
75Kb / 2P
POWER TRANSISTORS(6A,375V,125W)
TIP140 MOSPEC-TIP140 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
TIP160 MOSPEC-TIP160 Datasheet
143Kb / 3P
POWER TRANSISTORS(10A,320-380V,125W)
TIP35 MOSPEC-TIP35 Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
POWER TRANSISTORS(25A,120-160V,125W)
logo
Nell Semiconductor Co.,...
TIP35 NELLSEMI-TIP35 Datasheet
246Kb / 3P
Complementary Silicon Power Transistor 25A/40~100V/125W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com