Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV7620 Datasheet (PDF) - Supertex, Inc

HV7620 Datasheet PDF - Supertex, Inc
Part # HV7620
Download  HV7620 Download
File Size   68.66 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs

HV7620 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV7620 Datasheet PDF - Supertex, Inc

Part # HV7620
Download  HV7620 Click to download

File Size   68.66 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs

HV7620 Datasheet (HTML) - Supertex, Inc


HV7620 Product details

General Description
The HV76 is a low-voltage serial to high-voltage parallel converter with push-pull outputs. This device has been designed for use as a driver for color AC plasma displays.
The device has 4 parallel 8-bit shift registers permitting data rate 4 times the speed of one. The data are clocked in simultaneously on all four data inputs with a single clock. Data are shifted in on a low to high transition of the clock. The latches and control logic perform the output enable function.

Features
❏ Processed with HVCMOS® technology
❏ 5V CMOS logic and 12V supply rail
❏ Output voltage up to 200V
❏ Low power level shifting
❏ Source/sink current minimum 50mA
❏ 40MHz equivalent data rate
❏ Chip select
❏ Polarity function
❏ Forward and reverse shifting options (DIR pin)
❏ Latched outputs




Similar Part No. - HV7620

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7620 MICROCHIP-HV7620 Datasheet
529Kb / 16P
40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
08/15/18
logo
Supertex, Inc
HV7620PG-G SUTEX-HV7620PG-G Datasheet
406Kb / 7P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
logo
Microchip Technology
HV7620PG-G MICROCHIP-HV7620PG-G Datasheet
529Kb / 16P
40 MHz 32-Channel Serial-to-Parallel Converter with Push-Pull Outputs
08/15/18
logo
Supertex, Inc
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
More results


Similar Description - HV7620

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV57708 SUTEX-HV57708 Datasheet
465Kb / 5P
32 MHz, 64-Channel Serial To Parallel Converter With Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV7620 SUTEX-HV7620_13 Datasheet
406Kb / 7P
40MHz, 32-Channel Serial to Parallel Converter with Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com