Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9108 Datasheet (PDF) - Supertex, Inc

HV9108 Datasheet PDF - Supertex, Inc
Part # HV9108
Download  HV9108 Download
File Size   320.02 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Switchmode Controllers with MOSFET

HV9108 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9108 Datasheet PDF - Supertex, Inc

Part # HV9108
Download  HV9108 Click to download

File Size   320.02 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High-Voltage Switchmode Controllers with MOSFET

HV9108 Datasheet (HTML) - Supertex, Inc


HV9108 Product details

General Description
The Supertex HV9105 and HV9108 are high-efficiency high voltage SMPS ICs intended for use in power converters requiring extreme efficiency at output power levels of 5.0W or less. The low supply current (0.5mA max) allows them to be used to build supplies which meet CCITT I.430 performance recommendations (60% efficiency at .025W out).

Features
❏ 10 to 120V input range
❏ 200V, 5Ω output MOSFET
❏ Current-Mode Control
❏ High Efficiency
❏ CCITT Compatible
❏ Internal Start-up Circuit

Applications
❏ DC/DC Converters
❏ Distributed Power Systems
❏ ISDN Equipment
❏ PBX Systems
❏ Modems




Similar Part No. - HV9108

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
logo
PANDUIT CORP.
HV9100-C0 PANDUIT-HV9100-C0 Datasheet
601Kb / 2P
Hyper-V In-Line Cable Ties and Mounts
3/2016
logo
Supertex, Inc
HV9100P SUTEX-HV9100P Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9100PJ SUTEX-HV9100PJ Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
HV9102 SUTEX-HV9102 Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
More results


Similar Description - HV9108

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9100 SUTEX-HV9100 Datasheet
319Kb / 7P
High-Voltage Switchmode Controllers with MOSFET
logo
Vishay Siliconix
SI9110 VISHAY-SI9110 Datasheet
107Kb / 8P
High-Voltage Switchmode Controllers
15-Nov-04
SI9112 VISHAY-SI9112 Datasheet
71Kb / 6P
High-Voltage Switchmode Controller
15-Nov-04
SI9102 VISHAY-SI9102_07 Datasheet
277Kb / 10P
3-W High-Voltage Switchmode Regulator
19-Mar-07
SI9110 VISHAY-SI9110_11 Datasheet
167Kb / 9P
High-Voltage Switchmode Controllers
16-May-11
logo
Teledyne Technologies I...
TSC9110 TELEDYNE-TSC9110 Datasheet
457Kb / 7P
high-voltage switchmode controllers
logo
Vishay Siliconix
SI9104 VISHAY-SI9104 Datasheet
121Kb / 5P
High-Voltage Switchmode Regulator
05-Apr-99
SI9104 VISHAY-SI9104_V01 Datasheet
175Kb / 8P
High-Voltage Switchmode Regulator
05-Apr-99
SI9110 VISHAY-SI9110_V01 Datasheet
170Kb / 10P
High-Voltage Switchmode Controllers
15-Nov-04
SI9112 VISHAY-SI9112_V01 Datasheet
161Kb / 9P
High-Voltage Switchmode Controller
15-Nov-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com