Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9308 Datasheet (PDF) - Supertex, Inc

HV9308 Datasheet PDF - Supertex, Inc
Part # HV9308
Download  HV9308 Download
File Size   455.07 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV9308 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9308 Datasheet PDF - Supertex, Inc

Part # HV9308
Download  HV9308 Click to download

File Size   455.07 Kbytes
Page   5 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs

HV9308 Datasheet (HTML) - Supertex, Inc


HV9308 Product details

General Description
The HV93 and HV94 are low voltage serial to high voltage parallel converters with push-pull outputs. These devices have been designed for use as drivers for AC-electroluminescent displays. They can also be used in any application requiring multiple output high voltage current sourcing and sinking capabilities such as driving plasma panels, vacuum fluorescent, or large matrix LCD displays.

Features
❏ Processed with HVCMOS® technology
❏ Low power level shifting
❏ Shift register speed 8MHz
❏ Latched data outputs
❏ 5V CMOS compatible inputs
❏ Forward and reverse shifting options
❏ Diode to VPP allows efficient power recovery
❏ 44-lead ceramic surface mount package
❏ Hi-Rel processing available




Similar Part No. - HV9308

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9308 SUTEX-HV9308 Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308PJ SUTEX-HV9308PJ Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9308PJ-G SUTEX-HV9308PJ-G Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308PJ-GM903 SUTEX-HV9308PJ-GM903 Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308X SUTEX-HV9308X Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
More results


Similar Description - HV9308

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV5308 SUTEX-HV5308 Datasheet
460Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV9708 SUTEX-HV9708 Datasheet
449Kb / 5P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308B SUTEX-HV5308B Datasheet
462Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV610 SUTEX-HV610 Datasheet
765Kb / 9P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_07 Datasheet
708Kb / 6P
32-Channel Serial To Parallel Converter With High Voltage Push-Pull Outputs
HV5308PG-B-G SUTEX-HV5308PG-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5308PJ-B-G SUTEX-HV5308PJ-B-G Datasheet
997Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV5408PJ-B-G SUTEX-HV5408PJ-B-G Datasheet
999Kb / 12P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9308 SUTEX-HV9308_13 Datasheet
643Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
HV9808 SUTEX-HV9808_14 Datasheet
481Kb / 7P
32-Channel Serial to Parallel Converter With High Voltage Push-Pull Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com