Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9606 Datasheet (PDF) - Supertex, Inc

HV9606 Datasheet PDF - Supertex, Inc
Part # HV9606
Download  HV9606 Download
File Size   565.77 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description HV9606 Current-Mode PWM Controller with Supervisor

HV9606 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9606 Datasheet PDF - Supertex, Inc

Part # HV9606
Download  HV9606 Click to download

File Size   565.77 Kbytes
Page   9 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description HV9606 Current-Mode PWM Controller with Supervisor

HV9606 Datasheet (HTML) - Supertex, Inc


HV9606 Product details

General Description
The HV9606 PWM controller allows the design of high efficiency (>90%) power supplies for distributed board mounted power (BMP) applications. Due to its high frequency capability it can provide high currents (20A @ 3.3V) with small transformers and due to its low internal operating voltage and current is also able to achieve high efficiencies in low power applications.

Features
❐ Synchronous Forward, Forward, and Flyback Controller
❐ Lowest External Parts Count, Smallest Magnetics
❐ Eliminates Bootstrap Transformer Winding
❐ Supervisor Circuit Reduces Output Capacitance* up to 40%
❐ Supervisor Circuit Functions as µP Supply Monitor and POR
❐ 15V to 250V Start-Up Regulator with START/STOP Control
❐ <1mA Operating, <6µA Standby Input Current
❐ VDD Powered Operation down to 2.9V
❐ Charge Pump Gate Drive Supply
❐ Programmable Soft Start
❐ Under Voltage Lockout with Programmable Hysteresis
❐ <50% Duty Cycle Operation
❐ 15kHz to 400kHz Fixed Frequency PWM Operation
❐ Fault Tolerant Peer-to-Peer Synchronization
❐ Precision !1% Band Gap Voltage Reference
❐ Current Sense Leading Edge Blanking
❐ Small SSOP-20 Footprint

Applications
❐ Powered Ethernet and VoIP Terminals
❐ Cable Modems and Amplifiers
❐ ISDN Network Terminations, Terminals and Adapters
❐ Network Equipment
❐ Servers, PCs and Peripheral Equipment
❐ Telecommunication Systems and Terminals
❐ Distributed Board Mounted Power
❐ Battery Backup Systems
❐ Portable Power Applications
❐ Automotive and Heavy Equipment




Similar Part No. - HV9606

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9606DB1 SUTEX-HV9606DB1 Datasheet
147Kb / 4P
Current-Mode PWM Multiple Output Flyback Converter
More results


Similar Description - HV9606

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
logo
List of Unclassifed Man...
LW4933 ETC-LW4933 Datasheet
243Kb / 6P
POWER SUPPLY SUPERVISOR WITH PWM CONTROLLER
Rev.A1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com