Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9906 Datasheet (PDF) - Supertex, Inc

HV9906 Datasheet PDF - Supertex, Inc
Part # HV9906
Download  HV9906 Download
File Size   445.17 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Simple Off-Line/PFC & >9V DC/DC Switcher

HV9906 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9906 Datasheet PDF - Supertex, Inc

Part # HV9906
Download  HV9906 Click to download

File Size   445.17 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Simple Off-Line/PFC & >9V DC/DC Switcher

HV9906 Datasheet (HTML) - Supertex, Inc


HV9906 Product details

General Description

The Supertex HV9906 allows the development of the smallest possible, most reliable, offline and wide DC/DC conversion range converters for driving LEDs and other applications. The HV9906 combines internally all the components required to operate directly from the rectified AC line with a feedback mechanism that eliminates filters & compensation components, and which can close the loop with feedback from a discontinuous waveform (eg. LED current).



Features

Drive one or hundreds of LEDs including White LEDs

Programmable Current Source (mA to A)

Programmable Voltage Source (Steps Up or Down)

Integrator Lock Loop Technology (IL2)

   o Built in Soft Start

   o Allows Discontinuous Feedback

   o Eliminates Compensation Components

   o Eliminates Output Averaging Filters

   o Inherent Dither to Reduce EMI

Eliminates High Voltage Input Electrolytic Capacitor

Smallest and Most Reliable Off-Line Solution

Isolated or Non-Isolated Applications

Can be Operated Directly from Rectified AC Mains

10V to 400V Input Range Internal Regulator

<1.5mA Operating Supply Current

Programmable Feed Forward Regulation

Programmable Feedback Sense Threshold (mV to V)

Integrating Differential Sense Feedback

Seamlessly Change from AC to Battery Operation



Applications

LED driver

Power Factor Correction

Constant Current or Voltage Source

Battery Charger / PWM Housekeeping Supplies

Traffic Lights / Street Lights

Back Lighting of Flat Panel Displays

Advertising Signs

Automotive




Similar Part No. - HV9906

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
281Kb / 11P
Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
Off-Line PFC Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
Off-Line Current Source Controller
HV9906LG SUTEX-HV9906LG Datasheet
281Kb / 11P
Simple Off-Line/PFC & >9V DC/DC Switcher
More results


Similar Description - HV9906

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB3 SUTEX-HV9906DB3 Datasheet
200Kb / 3P
Off-Line PFC Current Source Controller
logo
List of Unclassifed Man...
2VP5U9 ETC1-2VP5U9 Datasheet
481Kb / 6P
DC/DC CONVERTERS - 9V OUTPUT
logo
Supertex, Inc
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
Off-Line DC / DC LED Driver ICs
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
Off-Line DC / DC LED Driver ICs
logo
Linear Technology
LT1246 LINER-LT1246_15 Datasheet
262Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
LT1247 LINER-LT1247_15 Datasheet
262Kb / 12P
1MHz Off-Line Current Mode PWM and DC/DC Converter
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
Simple Switcher
logo
ON Semiconductor
NCP1075A ONSEMI-NCP1075A Datasheet
442Kb / 33P
Enhanced Off-line Switcher
November, 2017 ??Rev. 2
logo
AiT Semiconductor Inc.
A7142 AITSEMI-A7142 Datasheet
490Kb / 10P
DC-DC CONVERTER/ BUCK (STEP-DOWN) SIMPLE SWITCHER POWER CONVERTER 150kHz, 2A PWM
REV2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com