Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS-50 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

LPS-50 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # LPS-50
Download  LPS-50 Download
File Size   218.53 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 50W Single Output Switching Power Supply

LPS-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPS-50 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # LPS-50
Download  LPS-50 Click to download

File Size   218.53 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 50W Single Output Switching Power Supply

LPS-50 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


LPS-50 Product details

Features :
• Universal AC input / Full range
• Protections:Short circuit/Over load/Over voltage
• Cooling by free air convection
• Small and compact size
• Built-in remote ON-OFF control
• LED indicator for power on
• 100% full load burn-in test
• Low profile:23mm thickness
• 2 years warranty




Similar Part No. - LPS-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
LPS-50 ASTRODYNE-LPS-50 Datasheet
428Kb / 2P
50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50 RSG-LPS-50 Datasheet
203Kb / 2P
50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50 Datasheet
221Kb / 2P
50W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS-50-12 ASTRODYNE-LPS-50-12 Datasheet
428Kb / 2P
50W Single Output Switching Power Supply
logo
XP Power Limited
LPS-50-12 XPPOWER-LPS-50-12 Datasheet
675Kb / 4P
50W Single Output Switching Power Supply
More results


Similar Description - LPS-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-50 ASTRODYNE-RS-50 Datasheet
303Kb / 2P
50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-50 MEANWELL-S-50 Datasheet
416Kb / 2P
50W Single Output Switching Power Supply
logo
XP Power Limited
LPS-50-3.3 XPPOWER-LPS-50-3.3 Datasheet
675Kb / 4P
50W Single Output Switching Power Supply
logo
RSG Electronic Componen...
LPS-50 RSG-LPS-50 Datasheet
203Kb / 2P
50W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
LPS-50 MEANWELL-LPS-50_10 Datasheet
221Kb / 2P
50W Single Output Switching Power Supply
RS-50 MEANWELL-RS-50_11 Datasheet
234Kb / 2P
50W Single Output Switching Power Supply
RS-50_1108 MEANWELL-RS-50_1108 Datasheet
234Kb / 2P
50W Single Output Switching Power Supply
LPS-50_1108 MEANWELL-LPS-50_1108 Datasheet
220Kb / 2P
50W Single Output Switching Power Supply
logo
Astrodyne Corporation
LPS50 ASTRODYNE-LPS50 Datasheet
314Kb / 4P
50W Single Output Switching Power Supply
logo
Total Power Internation...
NES-50 TOTAL-POWER-NES-50 Datasheet
231Kb / 2P
50W Single Output Switching Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com