Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SR037 Datasheet (PDF) - Supertex, Inc

SR037 Datasheet PDF - Supertex, Inc
Part # SR037
Download  SR037 Download
File Size   490.91 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Inductorless, Dual Output Off-Line Regulators

SR037 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR037 Datasheet PDF - Supertex, Inc

Part # SR037
Download  SR037 Click to download

File Size   490.91 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Inductorless, Dual Output Off-Line Regulators

SR037 Datasheet (HTML) - Supertex, Inc


SR037 Product details

General Description
The Supertex SR036 and SR037 are inductorless, dual output off-line controllers, providing up to 1.0W of output power. They do not require any transformers, inductors, or high voltage input capacitors.

Features
❑ Accepts peak input voltages up to 700V
❑ Operates directly off of rectified 120V AC or 230V AC
❑ Integrated linear regulator
❑ Minimal power dissipation
❑ No high voltage capacitors required
❑ No transformers or inductors required
❑ Up to 1.0W output power

Applications
❑ 3.3V or 5.0V power supplies
❑ SMPS house keeping power supplies
❑ White goods
❑ Appliances
❑ Small off-line low voltage power supplies
❑ Lighting controls




Similar Part No. - SR037

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
SR037 SUTEX-SR037 Datasheet
2Mb / 18P
Inductorless, Dual Output Off-Line Regulators
SR037 SUTEX-SR037 Datasheet
3Mb / 19P
Inductorless, Dual Output Off-Line Regulators
SR037DB1 SUTEX-SR037DB1 Datasheet
264Kb / 2P
Inductorless Switching Power Supply
SR037MG SUTEX-SR037MG Datasheet
2Mb / 18P
Inductorless, Dual Output Off-Line Regulators
SR037MG SUTEX-SR037MG Datasheet
3Mb / 19P
Inductorless, Dual Output Off-Line Regulators
More results


Similar Description - SR037

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-S6401 ALLEGRO-STR-S6401 Datasheet
116Kb / 8P
OFF-LINE SWITCHING REGULATORS WITH POWER MOSFET OUTPUT
STR-S6411 ALLEGRO-STR-S6411 Datasheet
115Kb / 8P
OFF-LINE SWITCHING REGULATORS . WITH POWER MOSFET OUTPUT
logo
Supertex, Inc
SR03 SUTEX-SR03 Datasheet
2Mb / 18P
Inductorless, Dual Output Off-Line Regulators
SR08X SUTEX-SR08X Datasheet
342Kb / 7P
Adjustable Off-Line Inductorless Switching Regulator
SR036 SUTEX-SR036_04 Datasheet
3Mb / 19P
Inductorless, Dual Output Off-Line Regulators
logo
Allegro MicroSystems
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-X6757 SANKEN-STR-X6757 Datasheet
450Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
logo
Microchip Technology
SR086 MICROCHIP-SR086 Datasheet
541Kb / 16P
Adjustable Offline Inductorless Switching Regulators
11/07/16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com