Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX53 Datasheet (PDF) - Mospec Semiconductor

BDX53 Datasheet PDF - Mospec Semiconductor
Part # BDX53
Download  BDX53 Download
File Size   187.75 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8A.,45-100V,60W)

BDX53 Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX53 Datasheet PDF - Mospec Semiconductor

Part # BDX53
Download  BDX53 Click to download

File Size   187.75 Kbytes
Page   4 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(8A.,45-100V,60W)

BDX53 Datasheet (HTML) - Mospec Semiconductor


BDX53 Product details

8 Ampere Darington Coplemenetary Silicon Power Transistors 45-100 Volts 60Watts




Similar Part No. - BDX53

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Bourns Electronic Solut...
BDX53 BOURNS-BDX53 Datasheet
114Kb / 5P
NPN SILICON POWER DARLINGTONS
BDX53 BOURNS-BDX53 Datasheet
114Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
TRANSYS Electronics Lim...
BDX53 TEL-BDX53 Datasheet
49Kb / 2P
NPN PLASTIC POWER TRANSISTORS
More results


Similar Description - BDX53

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6053 MOSPEC-2N6053 Datasheet
172Kb / 4P
POWER TRANSISTORS(8A,100W)
BDW93 MOSPEC-BDW93 Datasheet
183Kb / 4P
POWER TRANSISTORS(12A,45-100V,80W)
TIP100 MOSPEC-TIP100 Datasheet
200Kb / 4P
POWER TRANSISTORS(8A,60-100V,80W)
logo
Rohm
2SB1344 ROHM-2SB1344 Datasheet
329Kb / 7P
POWER TRANSISTOR (-100V, -8A)
2SB1668 ROHM-2SB1668 Datasheet
53Kb / 2P
For Power amplification (-100V, -8A)
2SD2607 ROHM-2SD2607 Datasheet
53Kb / 1P
For Power amplification (100V, 8A)
logo
Sanyo Semicon Device
SB80W10T SANYO-SB80W10T Datasheet
270Kb / 3P
100V, 8A Rectifier
SB80W10T SANYO-SB80W10T_12 Datasheet
439Kb / 7P
100V, 8A Rectifier
logo
Shindengen Electric Mfg...
P8B10SB SHINDENGEN-P8B10SB Datasheet
1Mb / 7P
Power MOSFETs 100V, 8A, N-channel
P8FE10SBK SHINDENGEN-P8FE10SBK Datasheet
1Mb / 7P
Power MOSFETs 100V, 8A, N-channel
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com