Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTA20 Datasheet (PDF) - Adam Technologies, Inc.

MTA20 Datasheet PDF - Adam Technologies, Inc.
Part # MTA20
Download  MTA20 Download
File Size   128.44 Kbytes
Page   1 Pages
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.
Description .100 HEADER & HOUSING CONNECTOR SYSTEM

MTA20 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTA20 Datasheet PDF - Adam Technologies, Inc.

Part # MTA20
Download  MTA20 Click to download

File Size   128.44 Kbytes
Page   1 Pages
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.
Description .100 HEADER & HOUSING CONNECTOR SYSTEM

MTA20 Datasheet (HTML) - Adam Technologies, Inc.


MTA20 Product details

INTRODUCTION:

Adam Tech Friction Lock Header & Housing set was designed to attach wires to a PCB. This series features a friction locking header which mates to a polarized wire housing with crimp contacts. This set provides a secure, easy to mate connection with superior electrical characteristics.



FEATURES:

Precision .025" sq. posts

Secure friction lock

Polarized anti-vibration design

Available in 2 - 20 positions




Similar Part No. - MTA20

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTA2063-G MARKTECH-MTA2063-G Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
MTA2063-G MARKTECH-MTA2063-G Datasheet
37Kb / 2P
Marktech RT Angle Dual Stack PCB MT 3mm LEDs
MTA2063-HR MARKTECH-MTA2063-HR Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
MTA2063-HR MARKTECH-MTA2063-HR Datasheet
37Kb / 2P
Marktech RT Angle Dual Stack PCB MT 3mm LEDs
MTA2063-Y MARKTECH-MTA2063-Y Datasheet
65Kb / 1P
Packaged LEDS/PCB Mount Indicators
More results


Similar Description - MTA20

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2CHB04 ADAM-TECH-2CHB04 Datasheet
129Kb / 1P
HEADER & HOUSING SYSTEMS
CDR04TS ADAM-TECH-CDR04TS Datasheet
117Kb / 1P
.100 LATCHING HEADER & HOUSING
CDR-06-TS ADAM-TECH-CDR-06-TS Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
MTE-08 ADAM-TECH-MTE-08 Datasheet
96Kb / 1P
HEADER & HOUSING SYSTEMS .100 [2.54] CENTERLINE SINGLE & DUAL ROW
logo
Molex Electronics Ltd.
34690-0200 MOLEX-34690-0200 Datasheet
1Mb / 2P
Stac64??2.54mm (.100?? Single, Multi-Pockect and Hybrid Header System
06-02-3031-P MOLEX11-06-02-3031-P Datasheet
54Kb / 1P
SWITCH CONNECTOR HOUSING, 3 CIRCUIT FLAT BLADE SYSTEM
logo
Tyco Electronics
2-1375820-1 MACOM-2-1375820-1 Datasheet
99Kb / 1P
HOUSING, CST-100 11
2-1375820-2 MACOM-2-1375820-2 Datasheet
99Kb / 1P
HOUSING, CT-100 11
2-1375820-5 MACOM-2-1375820-5 Datasheet
99Kb / 1P
HOUSING, CST-100 11
1-770602-0 MACOM-1-770602-0 Datasheet
87Kb / 1P
HOUSING, CST-100
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com