Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD-50 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

SD-50 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # SD-50
Download  SD-50 Download
File Size   382.13 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 50W Single Output DC-DC Converter

SD-50 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD-50 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # SD-50
Download  SD-50 Click to download

File Size   382.13 Kbytes
Page   2 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 50W Single Output DC-DC Converter

SD-50 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


SD-50 Product details

Features :
 • 2:1 wide input range
 • Protections: Short circuit / Overload / Over voltage
 • 1500VAC I/O isolation
 • Built-in EMI filter, low ripple noise
 • 100% full load burn-in test
 • Fixed switching frequency at 83KHz
 • Low cost
 • High reliability
 • 2 years warranty




Similar Part No. - SD-50

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SD-50 ASTRODYNE-SD-50 Datasheet
459Kb / 2P
50W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50 Datasheet
387Kb / 2P
50W Single Output DC-DC Converter
logo
CUI INC
SD-50 CUI-SD-50 Datasheet
316Kb / 5P
SERIES: SD DESCRIPTION: STANDARD DIN CONNECTOR
SD-50 CUI-SD-50 Datasheet
316Kb / 5P
STANDARD DIN CONNECTOR
SD-50 CUI-SD-50 Datasheet
322Kb / 5P
STANDARD DIN CONNECTOR
More results


Similar Description - SD-50

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PH300F280 LAMBDA-PH300F280 Datasheet
145Kb / 4P
Single output DC-DC converter 50W ~ 300W
logo
Astrodyne Corporation
SD-50 ASTRODYNE-SD-50 Datasheet
459Kb / 2P
50W Single Output DC-DC Converter
logo
Chinfa Electronics Ind....
SDD50-0434A CHINFA-SDD50-0434A Datasheet
178Kb / 2P
DC - DC CONVERTER 50W
logo
Mean Well Enterprises C...
SD-50 MEANWELL-SD-50_10 Datasheet
387Kb / 2P
50W Single Output DC-DC Converter
SD-50_1109 MEANWELL-SD-50_1109 Datasheet
386Kb / 2P
50W Single Output DC-DC Converter
logo
Wall Industries,Inc.
SP24S12-50 WALL-SP24S12-50 Datasheet
257Kb / 7P
50W DC-DC Converter
logo
Mean Well Enterprises C...
SKM50 MEANWELL-SKM50 Datasheet
152Kb / 1P
50W DC-DC Regulated Single Output Converter
logo
Astrodyne Corporation
SD50 ASTRODYNE-SD50 Datasheet
949Kb / 2P
50W Single Output DC-DC Converter
SD50DRL ASTRODYNE-SD50DRL Datasheet
1Mb / 3P
50W Single Output DC-DC Converter
logo
MORNSUN Science& Techno...
URF1D03QB-50W MORNSUN-URF1D03QB-50W Datasheet
1Mb / 8P
50W, wide input voltage, isolated & regulated single output DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com