Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AS2-1 Datasheet (PDF) - Altech corporation

2AS2-1 Datasheet PDF - Altech corporation
Part # 2AS2-1
Download  2AS2-1 Download
File Size   160.53 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 22mm Non-Illuminated Selector Switch 2AS2-x (x=type)

2AS2-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
2AS2-1 Datasheet PDF - Altech corporation

Part # 2AS2-1
Download  2AS2-1 Click to download

File Size   160.53 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 22mm Non-Illuminated Selector Switch 2AS2-x (x=type)

2AS2-1 Datasheet (HTML) - Altech corporation




Similar Part No. - 2AS2-1

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
2AS2 MULTICOMP-2AS2 Datasheet
1Mb / 4P
Toggle Switches Sub-Miniature
11/08/20 V1.0
2AS2 MULTICOMP-2AS2 Datasheet
632Kb / 5P
2A Series Sealed Sub-Miniature Toggle Switches
16/02/18 V1.0
logo
Altech corporation
2AS2E-1 ALTECH-2AS2E-1 Datasheet
264Kb / 1P
22 mm Non-Illuminated Metal Extended Selector Switch Operator
2AS2E-2 ALTECH-2AS2E-2 Datasheet
264Kb / 1P
22 mm Non-Illuminated Metal Extended Selector Switch Operator
2AS2E-3 ALTECH-2AS2E-3 Datasheet
264Kb / 1P
22 mm Non-Illuminated Metal Extended Selector Switch Operator
More results


Similar Description - 2AS2-1

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BL0508-09-73 KINGBRIGHT-BL0508-09-73 Datasheet
74Kb / 2P
22mm x 22mm LED CLUSTER
logo
Altech corporation
2AS2E-X ALTECH-2AS2E-X Datasheet
264Kb / 1P
22 mm Non-Illuminated Metal Extended Selector Switch Operator
2AMLSX ALTECH-2AMLSX Datasheet
213Kb / 1P
22mm Non-Illuminated Projecting Mental Operator 2APx
2AK2-XX ALTECH-2AK2-XX Datasheet
263Kb / 1P
22mm Non-Illuminated Mental Key Selector Switch Operator 2AK2-xx
2ABX ALTECH-2ABX Datasheet
179Kb / 1P
22mm Non-Illuminated Booted Momentary 2ABx
P2AS2-X ALTECH-P2AS2-X Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Selector Switch P2AS2-x (x=type)
logo
Siemens Semiconductor G...
3SB3000-2EA11 SIEMENS-3SB3000-2EA11 Datasheet
101Kb / 3P
22MM PLASTIC ROUND ACTUATOR: SELECTOR SWITCH 3 SWITCH POSITIONS I-O-II MOMENTARY CONTACT TYPE NON-ILLUMINATED WITH HOLDER BLACK
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
Non-Illuminated Type
logo
Schneider Electric
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ Datasheet
408Kb / 17P
22mm push button, Harmony ZB4, metal base, non illuminated 2 position selector switch, black knob, bulk packed 100
Oct 13, 2021
ZB5AD3TQ SCHNEIDER-ZB5AD3TQ Datasheet
407Kb / 17P
22mm push button, Harmony ZB5, plastic base, non illuminated 3 position selector switch, black knob, bulk packed 100
Mar 16, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com