Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2AF4 Datasheet (PDF) - Altech corporation

2AF4 Datasheet PDF - Altech corporation
Part # 2AF4
Download  2AF4 Download
File Size   227.95 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 22 mm Non-Illuminated Metal Operator 2AFx

2AF4 Datasheet (PDF)

Go To PDF Page Download Datasheet
2AF4 Datasheet PDF - Altech corporation

Part # 2AF4
Download  2AF4 Click to download

File Size   227.95 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description 22 mm Non-Illuminated Metal Operator 2AFx

2AF4 Datasheet (HTML) - Altech corporation




Similar Part No. - 2AF4

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
2AF4-A GEC-2AF4-A Datasheet
288Kb / 3P
TRIODE FOR UHF OSCILLATOR APPLICATIONS
logo
Apex Electronics Co., L...
2AF42 APEX-ELECTRONICS-2AF42 Datasheet
489Kb / 3P
Slim metal rotary encoder, 11mm diameter, SMD or thru-hole
logo
Altech corporation
2AF4RH ALTECH-2AF4RH Datasheet
210Kb / 1P
22 mm Non-Illuminated Recessed Metal Operator 2AFxRh
More results


Similar Description - 2AF4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
APX ALTECH-APX Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
AMX ALTECH-AMX Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
AMLKBX ALTECH-AMLKBX Datasheet
345Kb / 1P
30 mm Non-Illuminated Mushroom Metal Operator AMLKBx and AMKBx
AFX ALTECH-AFX Datasheet
372Kb / 1P
30 mm Non-Illuminated Flush Momentary Metal Operator AFx
ABX ALTECH-ABX Datasheet
283Kb / 1P
30 mm Non-Illuminated Booted Momentary Metal Operator ABx
2ASLXLB-Y-ZZZ ALTECH-2ASLXLB-Y-ZZZ Datasheet
282Kb / 1P
22 mm LED Illuminated Metal Selector Switch Operator
2AS2E-X ALTECH-2AS2E-X Datasheet
264Kb / 1P
22 mm Non-Illuminated Metal Extended Selector Switch Operator
2ALFXLB-YYY ALTECH-2ALFXLB-YYY Datasheet
152Kb / 1P
22 mm LED Illuminated Metal Flush Momentary Operator
2AFXRH ALTECH-2AFXRH Datasheet
210Kb / 1P
22 mm Non-Illuminated Recessed Metal Operator 2AFxRh
AM4 ALTECH-AM4 Datasheet
329Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com