Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB6 Datasheet (PDF) - Altech corporation

CB6 Datasheet PDF - Altech corporation
Part # CB6
Download  CB6 Download
File Size   103.36 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description HIGH TEMPERATURE CERAMIC EUROBLOCKS

CB6 Datasheet (PDF)

Go To PDF Page Download Datasheet
CB6 Datasheet PDF - Altech corporation

Part # CB6
Download  CB6 Click to download

File Size   103.36 Kbytes
Page   1 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description HIGH TEMPERATURE CERAMIC EUROBLOCKS

CB6 Datasheet (HTML) - Altech corporation


CB6 Product details

Suitable for use in high temperature applications up to 600°C (1112°F). Applications include hot melt glue guns, furnaces, heaters, process equipment and machinery. Terminal blocks are offered with mounting holes for panel mounting or free floating applications.

• Compact, space saving
• Tubular screw clamp
• Free float or panel mount
• Temperature range: 600°C (1112°F)
• Standard color: white
• Material
    Housing: ceramic
    Clamp: brass
    Screws: zinc plated steel
   




Similar Part No. - CB6

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
CB6 MULTICOMP-CB6 Datasheet
110Kb / 1P
Ceramic Bead Spacers
09/09/19 V1.0
logo
ABC Taiwan Electronics ...
CB6011100ML ABC-CB6011100ML Datasheet
457Kb / 6P
SMD POWER INDUCTOR
CB6011150ML ABC-CB6011150ML Datasheet
457Kb / 6P
SMD POWER INDUCTOR
CB60111R5ML ABC-CB60111R5ML Datasheet
457Kb / 6P
SMD POWER INDUCTOR
CB6011220ML ABC-CB6011220ML Datasheet
457Kb / 6P
SMD POWER INDUCTOR
More results


Similar Description - CB6

ManufacturerPart #DatasheetDescription
logo
Altech corporation
24-12AWG ALTECH-24-12AWG Datasheet
218Kb / 1P
High Temperature Ceramic Terminal Blocks
logo
HolyStone International
HMC HOLYSTONECAPS-HMC Datasheet
260Kb / 3P
Multilayer Ceramic Chip Capacitors for High Temperature Applications
logo
Kemet Corporation
C0402C473J8NACTU KEMET-C0402C473J8NACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Temperature, Temperature Stable
C1812C223JDRACTU KEMET-C1812C223JDRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1812C333KCRACTU KEMET-C1812C333KCRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C1825C104KDRACTU KEMET-C1825C104KDRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C103KGRACTU KEMET-C2220C103KGRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2220C154KBRACTU KEMET-C2220C154KBRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2225C104KDRACTU KEMET-C2225C104KDRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
C2225C153KHRACTU KEMET-C2225C153KHRACTU Datasheet
72Kb / 1P
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com