Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSJ-BK Datasheet (PDF) - Altech corporation

RSJ-BK Datasheet PDF - Altech corporation
Part # RSJ-BK
Download  RSJ-BK Download
File Size   502.46 Kbytes
Page   2 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description RS Series Relay Modules

RSJ-BK Datasheet (PDF)

Go To PDF Page Download Datasheet
RSJ-BK Datasheet PDF - Altech corporation

Part # RSJ-BK
Download  RSJ-BK Click to download

File Size   502.46 Kbytes
Page   2 Pages
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation
Description RS Series Relay Modules

RSJ-BK Datasheet (HTML) - Altech corporation


RSJ-BK Product details

RS Series Relay Modules

At only 6.2mm thickness the RS series Relay module features a slim Din Rail mountable interface solution. The modules have a plug in construction and are available with or without the relay. The built in LED indicates the relay energizing state. The relay features a SPDT configuration and a maximum switching current of 6A. It is available with several standard coil voltages from 5VAC/DC up to 230V AC/DC.

There is a provision for fitting pluggable jumpers which reduces the wiring time. The modules have screw terminals with finger protection for wire termination and offer an IP 20 protection rating. The relay has an IP67 protection rating. Both the relay and the module are UL recognized.

RS Series Subminiature Power Relay

FEATURES
• Slim size (width 5mm)
• High breakdown voltage 4kV (between coil and contacts)
• Surge voltage up to 6kV (between coil and contacts)
• Clearance/creepage distance: 8mm
• Coil power consumption: 170mW
• Contact configuration: SPDT (Form C)
• Environmental friendly product (RoHS compliant)
• Outlne Dimensions: 28.0 x 5.0 x 15.0mm




Similar Part No. - RSJ-BK

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RSJ-12-20-M SUNHOLD-RSJ-12-20-M Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-20-P SUNHOLD-RSJ-12-20-P Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-20-P1 SUNHOLD-RSJ-12-20-P1 Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-30-M SUNHOLD-RSJ-12-30-M Datasheet
1Mb / 2P
RSJ SERIES
RSJ-12-30-P SUNHOLD-RSJ-12-30-P Datasheet
1Mb / 2P
RSJ SERIES
More results


Similar Description - RSJ-BK

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SCE-SS GAMEWELL-FCI-SCE-SS Datasheet
516Kb / 4P
Addressable Control and Relay Modules
logo
National Instruments Co...
NI940X NI-NI940X Datasheet
1Mb / 6P
C Series Digital Output and Relay Modules
CFP-RLY-421 NI-CFP-RLY-421 Datasheet
651Kb / 3P
Relay Modules for Compact FieldPoint
logo
List of Unclassifed Man...
CPCI-3544 ETC2-CPCI-3544 Datasheet
168Kb / 1P
4-port RS-422/RS-485 Isolated Serial Communications Modules
logo
Moxa Inc.
CA-104 MOXA-CA-104 Datasheet
345Kb / 3P
4-port RS-232 PC/104 modules
CA-108 MOXA-CA-108 Datasheet
298Kb / 3P
8-port RS-232 PC/104 modules
CB-108 MOXA-CB-108 Datasheet
300Kb / 3P
8-port RS-232 PC/104-Plus modules
DA-682A-UART MOXA-DA-682A-UART Datasheet
813Kb / 3P
Expansion modules with RS-232/422/485 and RS-232/485 serial ports
logo
RAYEX ELECTRONICS CO., ...
RS-SERIES RAYEX-RS-SERIES Datasheet
53Kb / 2P
RS SERIES
RS-12L RAYEX-RS-12L Datasheet
514Kb / 2P
RS SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com