Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4505 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SC4505 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SC4505
Download  2SC4505 Download
File Size   51.78 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Epitaxial Planar Silicon Transistors

2SC4505 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4505 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4505
Download  2SC4505 Click to download

File Size   51.78 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description NPN Epitaxial Planar Silicon Transistors

2SC4505 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SC4505 Product details

Features

High breakdown voltage. (BVCEO= 400V)

Low saturation voltage,

typically VCE (sat)= 0.05V at IC/IB= 10mA / 1mA.

High switching speed, typically tf = 1.7ìs at Ic =100mA.




Similar Part No. - 2SC4505

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4505 ROHM-2SC4505 Datasheet
83Kb / 4P
Power Transistor (400V, 0.1A)
2SC4505 ROHM-2SC4505 Datasheet
73Kb / 4P
Power Transistor (400V, 0.1A)
2SC4505 ROHM-2SC4505 Datasheet
49Kb / 1P
High-Coltage Switching Transistor
logo
SHIKUES Electronics
2SC4505 SKTECHNOLGY-2SC4505 Datasheet
951Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4505P SKTECHNOLGY-2SC4505P Datasheet
951Kb / 2P
NPN Epitaxial Planar Silicon Transistors
More results


Similar Description - 2SC4505

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com