Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S201E Datasheet (PDF) - Teccor Electronics

S201E Datasheet PDF - Teccor Electronics
Part # S201E
Download  S201E Download
File Size   1600.12 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs 1-70 AMPS NON-SENSITIVE GATE

S201E Datasheet (PDF)

Go To PDF Page Download Datasheet
S201E Datasheet PDF - Teccor Electronics

Part # S201E
Download  S201E Click to download

File Size   1600.12 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs 1-70 AMPS NON-SENSITIVE GATE

S201E Datasheet (HTML) - Teccor Electronics


S201E Product details

Features
● Electrically Isolated Packages
● High Voltage Capability - 30 - 600 Volts
● High Surge Capability - up to 950 Amps
● Glass Passivated Chip




Similar Part No. - S201E

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S201E TECCOR-S201E Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S201E LITTELFUSE-S201E Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S201E LITTELFUSE-S201E Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
S201E LITTELFUSE-S201E Datasheet
218Kb / 12P
RoHS Compliant
logo
List of Unclassifed Man...
S201E ETC2-S201E Datasheet
218Kb / 12P
RoHS Compliant
More results


Similar Description - S201E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
SENSITIVE GATE 0.8A SCRs
Jan-2002
logo
Nell Semiconductor Co.,...
1PT06E-T NELLSEMI-1PT06E-T Datasheet
189Kb / 4P
Sensitive gate SCRs, 1A
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
Sensitive gate SCRs
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
Sensitive gate SCRs
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
Sensitive gate SCRs
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
Sensitive gate SCRs
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
Sensitive gate SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com