Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1014 Datasheet (PDF) - TelCom Semiconductor, Inc

TC1014 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC1014
Download  TC1014 Download
File Size   109.75 Kbytes
Page   10 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS

TC1014 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1014 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC1014
Download  TC1014 Click to download

File Size   109.75 Kbytes
Page   10 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 50mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS

TC1014 Datasheet (HTML) - TelCom Semiconductor, Inc


TC1014 Product details

GENERAL DESCRIPTION
The TC1014 is a high accuracy (typically ±0.5%) CMOS upgrade for older (bipolar) low dropout regulators such as the LP2980. Designed specifically for battery-operated systems, the TC1014’s CMOS construction eliminates wasted ground current, significantly extending battery life. Total supply current is typically 50µA at full load (20 to 60 times lower than in bipolar regulators!)

FEATURES
■ Zero Ground Current for Longer Battery Life!
■ Very Low Dropout Voltage
■ Guaranteed 50mA Output
■ High Output Voltage Accuracy
■ Standard or Custom Output Voltages
■ Power-Saving Shutdown Mode
■ Reference Bypass Input for Ultra Low-Noise Operation
■ Over-Current and Over-Temperature Protection
■ Space-Saving SOT-23A-5 Package
■ Pin Compatible Upgrade for MIC5205 and NSC2980

APPLICATIONS
■ Battery Operated Systems
■ Portable Computers
■ Medical Instruments
■ Instrumentation
■ Cellular / GSM / PHS Phones
■ Linear Post-Regulator for SMPS
■ Pagers




Similar Part No. - TC1014

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1014 MICROCHIP-TC1014 Datasheet
705Kb / 22P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1014-1.8VCT713 MICROCHIP-TC1014-1.8VCT713 Datasheet
705Kb / 22P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1014-2.5VCT713 MICROCHIP-TC1014-2.5VCT713 Datasheet
705Kb / 22P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC1014-2.6VCT713 MICROCHIP-TC1014-2.6VCT713 Datasheet
705Kb / 22P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
More results


Similar Description - TC1014

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1054 TELCOM-TC1054 Datasheet
123Kb / 12P
50mA CMOS LDO WITH SHUTDOWN AND ERROR OUTPUT
TC1070 TELCOM-TC1070 Datasheet
117Kb / 12P
50mA ADJUSTABLE CMOS LDO WITH SHUTDOWN
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
logo
Unisonic Technologies
LR1185 UTC-LR1185 Datasheet
163Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
LR1185 UTC-LR1185_16 Datasheet
172Kb / 4P
150mA CMOS LDO WITH SHUTDOWN AND REFERENCE BYPASS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com