Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1027 Datasheet (PDF) - TelCom Semiconductor, Inc

TC1027 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC1027
Download  TC1027 Download
File Size   28.8 Kbytes
Page   1 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE

TC1027 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1027 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC1027
Download  TC1027 Click to download

File Size   28.8 Kbytes
Page   1 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE

TC1027 Datasheet (HTML) - TelCom Semiconductor, Inc


TC1027 Product details

GENERAL DESCRIPTION
The TC1027 is a mixed-function device combining four general purpose, complimentary output comparators and a voltage reference in a single 16-pin package.
This increased integration allows the user to replace two packages, saving space, lowering supply current, and increasing system performance.
The TC1027 is designed specifically for operation from a single supply; however, operation from dual supplies is also possible. The power supply current drain is indepen dent of the magnitude of the power supply voltage. The TC1027 is optimized for low supply voltage and very low supply current operation (15µA max) making it ideal for battery operated applications.

FEATURES
■ Combines Four Comparators and a Voltage Reference into a Single Package
■ Optimized for Single Supply Operation
■ Small Package ................. 16-Pin SOIC (Narrow) or
                                   16-Pin Plastic DIP (Narrow)
■ Ultra Low Input Bias Current ...... Less than 100pA
■ Low Quiescent Current ........................... 15µA max
■ Rail-to-Rail Inputs and Outputs
■ Operates Down to VDD = 1.8V min.

APPLICATIONS
■ Power Supply Circuits
■ Embedded Systems
■ Instrumentation
■ Portable Equipment
■ Consumer Products
■ Replacements for Discrete Components

 




Similar Part No. - TC1027

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1027CEOR MICROCHIP-TC1027CEOR Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1027CEPR MICROCHIP-TC1027CEPR Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1027CEQR MICROCHIP-TC1027CEQR Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
More results


Similar Description - TC1027

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1031 TELCOM-TC1031 Datasheet
22Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR AND VOLTAGE REFERENCE
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1027 MICROCHIP-TC1027 Datasheet
486Kb / 18P
Linear Building Block - Quad Low Power Comparator and Voltage Reference
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com