Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS28 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

BAS28 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # BAS28
Download  BAS28 Download
File Size   40.15 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description High-Speed Double Diode

BAS28 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS28 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # BAS28
Download  BAS28 Click to download

File Size   40.15 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description High-Speed Double Diode

BAS28 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


BAS28 Product details

Features

• Small plastic SMD package

• High switching speed: max. 4 ns

• Continuous reverse voltage:max. 75 V

• Repetitive peak reverse voltage:max. 85 V

• Repetitive peak forward current:max. 500 mA .



 




Similar Part No. - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS28 PHILIPS-BAS28 Datasheet
35Kb / 7P
High-speed double diode
1996 Sep 10
logo
Siemens Semiconductor G...
BAS28 SIEMENS-BAS28 Datasheet
102Kb / 4P
Silicon Switching Diode Array (For high-speed switching Electrically insulated diodes)
logo
Central Semiconductor C...
BAS28 CENTRAL-BAS28 Datasheet
49Kb / 2P
DUAL, ISOLATED HIGH SPEED SWITCHING DIODE
logo
Infineon Technologies A...
BAS28 INFINEON-BAS28 Datasheet
439Kb / 4P
Silicon Switching Diode
Feb-21-2003
logo
NXP Semiconductors
BAS28 NXP-BAS28 Datasheet
279Kb / 12P
High-speed double diode
Rev. 3-22 July 2010
More results


Similar Description - BAS28

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74.235 NXP-BAV74.235 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com