Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS345 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

1SS345 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 1SS345
Download  1SS345 Download
File Size   35.07 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Sillicon Epitaxial Schottky Barrier Diode

1SS345 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS345 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS345
Download  1SS345 Click to download

File Size   35.07 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Sillicon Epitaxial Schottky Barrier Diode

1SS345 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


1SS345 Product details

Features
● Small interterminal capacitance (C=0.45pF typ).
● Low forward voltage and excellent detection
   efficiency(VF=0.35V max)
● High breakdown voltage (VR=55V).
● Very small-sized package permitting the
   1SS345-applied sets to be made small and slim.




Similar Part No. - 1SS345

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SS345 SANYO-1SS345 Datasheet
62Kb / 2P
UHF Detector, Mixer Applications
More results


Similar Description - 1SS345

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
1SS350 KEXIN-1SS350 Datasheet
34Kb / 1P
Sillicon Epitaxial Schottky Barrier Diode
1SS351 KEXIN-1SS351 Datasheet
34Kb / 1P
Sillicon Epitaxial Schottky Barrier Diode
logo
SEMTECH ELECTRONICS LTD...
1SS373 SEMTECH_ELEC-1SS373 Datasheet
182Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
MA729WS SEMTECH_ELEC-MA729WS Datasheet
217Kb / 3P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
RB706F-40 SEMTECH_ELEC-RB706F-40 Datasheet
218Kb / 2P
SILICON EPITAXIAL SCHOTTKY BARRIER DIODE
logo
Toshiba Semiconductor
CUS15S30 TOSHIBA-CUS15S30 Datasheet
137Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
1SS413CT TOSHIBA-1SS413CT Datasheet
178Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CBS05F30 TOSHIBA-CBS05F30_14 Datasheet
129Kb / 5P
Schottky Barrier Diode Silicon Epitaxial
CCS15S40 TOSHIBA-CCS15S40 Datasheet
132Kb / 6P
Schottky Barrier Diode Silicon Epitaxial
logo
Shanghai Leiditech Elec...
LL4148 LEIDITECH-LL4148 Datasheet
506Kb / 3P
Sillicon Epitaxial Planar Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com