Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA682 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

BA682 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # BA682
Download  BA682 Download
File Size   32.79 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Band-switching diodes

BA682 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA682 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # BA682
Download  BA682 Click to download

File Size   32.79 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Band-switching diodes

BA682 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


BA682 Product details

Features
● Continuous reverse voltage:max. 35 V
● Continuous forward current:max. 100 mA
● Low diode capacitance:max. 1.5 pF
● Low diode forward resistance:max. 0.7 to 1.2Ω




Similar Part No. - BA682

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA682 PHILIPS-BA682 Datasheet
31Kb / 5P
Band-switching diodes
1996 Mar 13
logo
Vishay Siliconix
BA682 VISHAY-BA682 Datasheet
46Kb / 3P
Silicon Planar Diodes
16-Mar-06
logo
Semtech Corporation
BA682 SEMTECH-BA682 Datasheet
94Kb / 2P
Silicon Epitaxial Planar Diode Switches?
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
SILICON PIN DIODES
logo
Vishay Siliconix
BA682 VISHAY-BA682 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
More results


Similar Description - BA682

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2C856 PANASONIC-MA2C856 Datasheet
42Kb / 2P
Band Switching Diodes
logo
Vishay Siliconix
BA282 VISHAY-BA282_08 Datasheet
114Kb / 4P
Band Switching Diodes
05-Dec-07
BA682 VISHAY-BA682_10 Datasheet
62Kb / 3P
Band Switching Diodes
16-Jul-10
BA782S-V VISHAY-BA782S-V Datasheet
66Kb / 3P
Band Switching Diodes
05-Aug-10
BA682-GS08 VISHAY-BA682-GS08 Datasheet
82Kb / 5P
Band Switching Diodes
16-Mar-06
logo
Rohm
1SS356 ROHM-1SS356_17 Datasheet
1Mb / 8P
Band Switching Diodes
DAN235UFH ROHM-DAN235UFH Datasheet
1Mb / 8P
Band Switching Diodes
DAP236U ROHM-DAP236U_17 Datasheet
1Mb / 8P
Band Switching Diodes
1SS390SM ROHM-1SS390SM Datasheet
1Mb / 8P
Band Switching Diodes
logo
Vishay Siliconix
BA682 VISHAY-BA682_V01 Datasheet
228Kb / 3P
Band Switching Diodes
04-Mar-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com