Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1220 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

D1220 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # D1220
Download  D1220 Download
File Size   39.39 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon NPN Epitaxial Transistor

D1220 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1220 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # D1220
Download  D1220 Click to download

File Size   39.39 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon NPN Epitaxial Transistor

D1220 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


D1220 Product details

Features

Power Amplifier Applications




Similar Part No. - D1220

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D122 MPD-D122 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
List of Unclassifed Man...
D122/L ETC2-D122/L Datasheet
45Kb / 8P
Control/Communicators
logo
Seme LAB
D1221UK SEME-LAB-D1221UK Datasheet
60Kb / 4P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 10W - 12.5V - 175MHz SINGLE ENDED
D1222UK SEME-LAB-D1222UK Datasheet
19Kb / 2P
GOLD METALLISED MULTI-PURPOSE SILICON DMOS RF FET 60W - 12.5V - 175MHz PUSH-PULL
logo
Guangzhou Reicu Electro...
D122424S-1W REICU-D122424S-1W Datasheet
2Mb / 1P
1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
More results


Similar Description - D1220

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com