Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1949-1 Datasheet (PDF) - Linear Technology

LT1949-1 Datasheet PDF - Linear Technology
Part # LT1949-1
Download  LT1949-1 Download
File Size   173.06 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.1MHz, 1A Switch PWM DC/DC Converter

LT1949-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1949-1 Datasheet PDF - Linear Technology

Part # LT1949-1
Download  LT1949-1 Click to download

File Size   173.06 Kbytes
Page   8 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 1.1MHz, 1A Switch PWM DC/DC Converter

LT1949-1 Datasheet (HTML) - Linear Technology




Similar Part No. - LT1949-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1949-1 LINER-LT1949-1 Datasheet
178Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
LT1949-1 LINER-LT1949-1_15 Datasheet
178Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
More results


Similar Description - LT1949-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1949 LINER-LT1949 Datasheet
158Kb / 8P
600kHz, 1A Switch PWM DC/DC Converter
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
1A Voltage Mode Synchronous Buck PWM DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3406 BCDSEMI-AP3406 Datasheet
32Kb / 2P
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406A BCDSEMI-AP3406A Datasheet
680Kb / 12P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3406 BCDSEMI-AP3406_09 Datasheet
638Kb / 12P
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Advanced Power Electron...
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
AP3422 BCDSEMI-AP3422 Datasheet
496Kb / 11P
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
logo
Linear Technology
LT1949 LINER-LT1949_15 Datasheet
172Kb / 8P
600kHz, 1A Switch PWM DC/DC Converter
LT1949-1 LINER-LT1949-1_15 Datasheet
178Kb / 8P
1.1MHz, 1A Switch PWM DC/DC Converter
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com