Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4626 Datasheet (PDF) - TelCom Semiconductor, Inc

TC4626 Datasheet PDF - TelCom Semiconductor, Inc
Part # TC4626
Download  TC4626 Download
File Size   75.64 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description POWER CMOS DRIVERS WITH VOLTAGE TRIPLER

TC4626 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4626 Datasheet PDF - TelCom Semiconductor, Inc

Part # TC4626
Download  TC4626 Click to download

File Size   75.64 Kbytes
Page   7 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description POWER CMOS DRIVERS WITH VOLTAGE TRIPLER

TC4626 Datasheet (HTML) - TelCom Semiconductor, Inc


TC4626 Product details

GENERAL DESCRIPTION
The TC4626/4627 are single CMOS high speed drivers with an on-board voltage boost circuit. These parts work with an input supply voltage from 4 to 6 volts. The internal voltage booster will produce a VBOOST potential up to 12 volts above VIN. This VBOOST is not regulated, so its voltage is dependent on the input VDD voltage and output drive loading requirements. An internal undervoltage lockout circuit keeps the output in a low state when VBOOST drops below 7.8 volts. Output is enabled when VBOOST is above 11.3 volts.

FEATURES
■ Power driver with on Board Voltage Booster
■ Low IDD ......................................................... < 4 mA
■ Small Package ........................................ 8-Pin PDIP
■ Under-Voltage Circuitry
■ Fast Rise-Fall Time .................. < 40nsec @ 1000pF
■ Below-Rail Input Protection

APPLICATIONS
■ Raises 5V to drive higher-Vgs (ON) MOSFETs
■ Eliminates one system power supply




Similar Part No. - TC4626

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4626 MICROCHIP-TC4626 Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
TC4626COE MICROCHIP-TC4626COE Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
TC4626COE MICROCHIP-TC4626COE Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
TC4626CPA MICROCHIP-TC4626CPA Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
TC4626CPA MICROCHIP-TC4626CPA Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
More results


Similar Description - TC4626

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2238 NJRC-NJM2238 Datasheet
189Kb / 5P
VIDEO SUB-CARRIER SIGNAL TRIPLER
NJU7670 NJRC-NJU7670 Datasheet
240Kb / 7P
VOLTAGE TRIPLER
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
CMOS Dual Peripheral Drivers
logo
Texas Instruments
TPS60140 TI-TPS60140 Datasheet
476Kb / 18P
LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
logo
Microchip Technology
TC4626 MICROCHIP-TC4626 Datasheet
462Kb / 14P
Power CMOS Drivers With Voltage Tripler
2002
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
11-33 GHz Tripler MMIC
logo
BOWEI Integrated Circui...
HE011 BOWEI-HE011 Datasheet
333Kb / 3P
Daubler Tripler Quintapler
logo
Microchip Technology
TC4626 MICROCHIP-TC4626_13 Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
logo
Texas Instruments
TPS60140 TI-TPS60140_15 Datasheet
958Kb / 24P
LOW POWER DC-DC CONVERTER REGULATED 5V,100-MA CHARGE PUMP VOLTAGE TRIPLER
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
CMOS Dual Peripheral Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com