Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1369 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SA1369 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SA1369
Download  2SA1369 Download
File Size   377.6 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Plunger Drive Applications

2SA1369 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1369 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1369
Download  2SA1369 Click to download

File Size   377.6 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Plunger Drive Applications

2SA1369 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SA1369 Product details

Plunger Drive Applications



Features

High Collector Current (ICM = -3A, IC = -1.5A

High Collector Dissipation PC = 500mW

Small Package For Mounting

Complementary to 2SC3439




Similar Part No. - 2SA1369

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA1369 ISAHAYA-2SA1369 Datasheet
148Kb / 4P
FOR SMALL TYPE MOTOR, PLUNGER DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Guangdong Kexin Industr...
2SA1369-G KEXIN-2SA1369-G Datasheet
1Mb / 3P
PNP Transistors
2SA1369-H KEXIN-2SA1369-H Datasheet
1Mb / 3P
PNP Transistors
2SA1369 KEXIN-2SA1369_15 Datasheet
1Mb / 3P
PNP Transistors
More results


Similar Description - 2SA1369

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB907 TOSHIBA-2SB907_07 Datasheet
165Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_07 Datasheet
167Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB907 TOSHIBA-2SB907_10 Datasheet
169Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB908 TOSHIBA-2SB908_10 Datasheet
171Kb / 5P
Switching Applications Hammer Drive, Pulse Motor Drive Applications Power Amplifier Applications
2SB1067 TOSHIBA-2SB1067_09 Datasheet
179Kb / 5P
Micro-Moter Drive, Hammer Drive Applications Switching Applications Power Amplifier Applications
2SC3474 TOSHIBA-2SC3474_05 Datasheet
185Kb / 5P
Switching Applications Solenoid Drive Applications
2SC3673 TOSHIBA-2SC3673_04 Datasheet
148Kb / 5P
Switching Applications Solenoid Drive Applications
2SD2686 TOSHIBA-2SD2686 Datasheet
182Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD2719 TOSHIBA-2SD2719 Datasheet
208Kb / 5P
Solenoid Drive Applications Motor Drive Applications
2SD549 TOSHIBA-2SD549 Datasheet
217Kb / 3P
PULSE MOTOR DRIVE, HAMMER DRIVE APPLICATIONS. SWITCHING APPLICATIONS. POWER AMPLIFIER APPLICATIONS.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com