Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1945 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SA1945 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SA1945
Download  2SA1945 Download
File Size   52.03 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon PNP Epitaxial

2SA1945 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1945 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1945
Download  2SA1945 Click to download

File Size   52.03 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon PNP Epitaxial

2SA1945 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SA1945 Product details

Silicon PNP Epitaxial



Features

High voltage VCEO=-50V

High fT:fT=150MHz typ

Excellent linearity of DC forward current gain

High collector current Icm=600mA

Small package for mounting




Similar Part No. - 2SA1945

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SA1945 ISAHAYA-2SA1945 Datasheet
120Kb / 3P
FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Guangdong Kexin Industr...
2SA1945-D KEXIN-2SA1945-D Datasheet
891Kb / 2P
PNP Transistors
2SA1945-E KEXIN-2SA1945-E Datasheet
891Kb / 2P
PNP Transistors
2SA1945-F KEXIN-2SA1945-F Datasheet
891Kb / 2P
PNP Transistors
2SA1945 KEXIN-2SA1945_15 Datasheet
891Kb / 2P
PNP Transistors
More results


Similar Description - 2SA1945

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SA778 RENESAS-2SA778 Datasheet
106Kb / 7P
Silicon PNP Epitaxial
2SA893A RENESAS-2SA893A Datasheet
161Kb / 5P
Silicon PNP Epitaxial
2SA1121 RENESAS-2SA1121 Datasheet
65Kb / 5P
Silicon PNP Epitaxial
2SA1122 RENESAS-2SA1122 Datasheet
164Kb / 5P
Silicon PNP Epitaxial
2SA2080 RENESAS-2SA2080_05 Datasheet
172Kb / 6P
Silicon PNP Epitaxial
2SB562 RENESAS-2SB562 Datasheet
157Kb / 6P
Silicon PNP Epitaxial
2SB831 RENESAS-2SB831 Datasheet
160Kb / 6P
Silicon PNP Epitaxial
2SA1468 RENESAS-2SA1468 Datasheet
154Kb / 8P
Silicon PNP Epitaxial
2SB1059 RENESAS-2SB1059 Datasheet
139Kb / 6P
Silicon PNP Epitaxial
2SB1409 RENESAS-2SB1409 Datasheet
152Kb / 8P
Silicon PNP Epitaxial
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com