Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PA1576Q Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2PA1576Q Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2PA1576Q
Download  2PA1576Q Download
File Size   47.73 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description PNP General Purpose Transistor

2PA1576Q Datasheet (PDF)

Go To PDF Page Download Datasheet
2PA1576Q Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2PA1576Q
Download  2PA1576Q Click to download

File Size   47.73 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description PNP General Purpose Transistor

2PA1576Q Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2PA1576Q Product details

Features

• Low current (max. 100 mA)

• Low voltage (max. 40 V).

• Low collector capacitance (typ. 2.5 pF).



 




Similar Part No. - 2PA1576Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PA1576Q NXP-2PA1576Q Datasheet
91Kb / 7P
PNP general-purpose transistor
Rev. 06-17 November 2009
2PA1576Q PHILIPS-2PA1576Q Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
logo
Nexperia B.V. All right...
2PA1576Q NEXPERIA-2PA1576Q Datasheet
207Kb / 7P
PNP general-purpose transistor
1 January 2023
2PA1576Q NEXPERIA-2PA1576Q Datasheet
1Mb / 7P
PNP general-purpose transistor
Rev. 06 17 November 2009
2PA1576Q-Q NEXPERIA-2PA1576Q-Q Datasheet
188Kb / 8P
PNP general-purpose transistor
19 August 2022
More results


Similar Description - 2PA1576Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com