Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8010D Datasheet (PDF) - Teccor Electronics

S8010D Datasheet PDF - Teccor Electronics
Part # S8010D
Download  S8010D Download
File Size   222.45 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs

S8010D Datasheet (PDF)

Go To PDF Page Download Datasheet
S8010D Datasheet PDF - Teccor Electronics

Part # S8010D
Download  S8010D Click to download

File Size   222.45 Kbytes
Page   12 Pages
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics
Description SCRs

S8010D Datasheet (HTML) - Teccor Electronics


S8010D Product details

General Description
The Teccor line of thyristor SCR semi-conductors are half-wave, unidirectional, gate-controlled rectifiers which complement Teccors line of sensitive SCRs. Teccor offers devices with ratings of 1 A to 70 A and 200 V to 1000 V, with gate sensitivities from 10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges are required, see “Sensitive SCRs” section of this catalog.
   
Features
• Electrically-isolated package
• High voltage capability — 200 V to 1000 V
• High surge capability — up to 950 A
• Glass-passivated chip
   
Compak SCR
• Surface mount package — 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500
    devices per reel
• Can replace SOT-223
   




Similar Part No. - S8010D

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8010D LITTELFUSE-S8010D Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S8010D LITTELFUSE-S8010D Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
S8010D LITTELFUSE-S8010D Datasheet
218Kb / 12P
RoHS Compliant
logo
List of Unclassifed Man...
S8010D ETC2-S8010D Datasheet
218Kb / 12P
RoHS Compliant
More results


Similar Description - S8010D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N4167 CENTRAL-2N4167 Datasheet
57Kb / 1P
SCRs
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
SCRS
US108S UTC-US108S_11 Datasheet
131Kb / 3P
SCRS
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
New Jersey Semi-Conduct...
2N4149 NJSEMI-2N4149 Datasheet
68Kb / 2P
SCRs
logo
HAOPIN MICROELECTRONICS...
C106D HAOPIN-C106D Datasheet
236Kb / 4P
SCRs
PCR406 HAOPIN-PCR406 Datasheet
110Kb / 4P
SCRs
HP20C60 HAOPIN-HP20C60 Datasheet
314Kb / 5P
SCRs
MCR25 HAOPIN-MCR25 Datasheet
444Kb / 5P
SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com