Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1923 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SA1923 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SA1923
Download  2SA1923 Download
File Size   44.22 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon PNP Transistor

2SA1923 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1923 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1923
Download  2SA1923 Click to download

File Size   44.22 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon PNP Transistor

2SA1923 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SA1923 Product details

Features

• High Voltage:  VCBO=-400V

• Low Saturation Voltage: VCE(sat)=-1V(Max.)

                                  IC=-100mA,IB=-10mA



 




Similar Part No. - 2SA1923

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1923 TOSHIBA-2SA1923 Datasheet
166Kb / 4P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
2SA1923 TOSHIBA-2SA1923 Datasheet
179Kb / 4P
High-Voltage Switching Applications
2SA1923 TOSHIBA-2SA1923_10 Datasheet
179Kb / 4P
High-Voltage Switching Applications
More results


Similar Description - 2SA1923

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com