Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS196 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

1SS196 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 1SS196
Download  1SS196 Download
File Size   35.05 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description ULTRA HIGH SPEED SWITCHING APPLICATION

1SS196 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS196 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 1SS196
Download  1SS196 Click to download

File Size   35.05 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description ULTRA HIGH SPEED SWITCHING APPLICATION

1SS196 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


1SS196 Product details

Features

Small Package

Low forward voltage :VF(3) = 0.9 V(Typ.)

Fast Reverse Recovery Time :trr = 1.6 ns(Typ.)

Small Total Capacitance :CT = 0.9pF(Typ.)




Similar Part No. - 1SS196

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS196 TOSHIBA-1SS196 Datasheet
127Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APPLICATION)
1SS196 TOSHIBA-1SS196 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS196 BILIN-1SS196 Datasheet
359Kb / 3P
Surface mount switching diode
Rev.A
logo
SEMTECH ELECTRONICS LTD...
1SS196 SEMTECH_ELEC-1SS196 Datasheet
135Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Weitron Technology
1SS196 WEITRON-1SS196 Datasheet
221Kb / 2P
Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
More results


Similar Description - 1SS196

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L1SS181LT1 LRC-L1SS181LT1 Datasheet
74Kb / 3P
Ultra High Speed Switching Application
logo
Toshiba Semiconductor
1SS181 TOSHIBA-1SS181_07 Datasheet
198Kb / 3P
Ultra High Speed Switching Application
1SS193 TOSHIBA-1SS193_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS196 TOSHIBA-1SS196_07 Datasheet
185Kb / 3P
Ultra High Speed Switching Application
1SS337 TOSHIBA-1SS337_07 Datasheet
257Kb / 3P
Ultra High Speed Switching Application
1SS360 TOSHIBA-1SS360_07 Datasheet
218Kb / 3P
Ultra High Speed Switching Application
1SS361 TOSHIBA-1SS361_07 Datasheet
217Kb / 3P
Ultra High Speed Switching Application
1SS226TE85LF TOSHIBA-1SS226TE85LF Datasheet
180Kb / 3P
Ultra High Speed Switching Application
logo
Leshan Radio Company
L1SS181LT1G LRC-L1SS181LT1G_15 Datasheet
69Kb / 3P
Ultra High Speed Switching Application
logo
Nanjing International G...
BAV74 DGNJDZ-BAV74 Datasheet
92Kb / 2P
Ultra high speed switching application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com