Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV199 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

BAV199 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # BAV199
Download  BAV199 Download
File Size   40.0 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Low-leakage double diode

BAV199 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV199 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # BAV199
Download  BAV199 Click to download

File Size   40.0 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Low-leakage double diode

BAV199 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


BAV199 Product details

Features

• Plastic SMD package

• Low leakage current: typ. 3 pA

• Switching time: typ. 0.8 s

• Continuous reverse voltage:max. 75 V

• Repetitive peak reverse voltage:max. 85 V

• Repetitive peak forward current:max. 500 mA.



 




Similar Part No. - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
logo
Siemens Semiconductor G...
BAV199 SIEMENS-BAV199 Datasheet
98Kb / 4P
Silicon Low Leakage Diode Array (Low-leakage applications Medium speed switching times Connected in series)
logo
Diodes Incorporated
BAV199 DIODES-BAV199 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
BAV199 DIODES-BAV199 Datasheet
155Kb / 2P
DUAL SURFACE MOUNT LOW LEAKAGE DIODE
DS30232 Rev. 3 - 2
logo
Infineon Technologies A...
BAV199 INFINEON-BAV199 Datasheet
446Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
More results


Similar Description - BAV199

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV199 PHILIPS-BAV199 Datasheet
53Kb / 8P
Low-leakage double diode
1999 May 11
BAV170 PHILIPS-BAV170_03 Datasheet
62Kb / 12P
Low-leakage double diode
2003 Mar 25
logo
Guangdong Kexin Industr...
BAV170 KEXIN-BAV170 Datasheet
39Kb / 2P
Low-leakage double diode
BAW156 KEXIN-BAW156 Datasheet
40Kb / 2P
Low-leakage double diode
logo
SEMTECH ELECTRONICS LTD...
BAV199W SEMTECH_ELEC-BAV199W Datasheet
212Kb / 2P
LOW LEAKAGE DOUBLE DIODE
logo
Shenzhen Luguang Electr...
BAV170 LUGUANG-BAV170 Datasheet
228Kb / 3P
Low-leakage Double Diode
logo
Galaxy Semi-Conductor H...
BAV170 BILIN-BAV170_13 Datasheet
164Kb / 4P
Low-leakage double diode
BAV170 BILIN-BAV170_17 Datasheet
129Kb / 4P
Low-leakage double diode
Rev.A
logo
Rectron Semiconductor
BAS416V RECTRON-BAS416V Datasheet
496Kb / 7P
Low-leakage double diode
BAV199V RECTRON-BAV199V Datasheet
143Kb / 7P
Low-leakage double diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com