Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCL1584 Datasheet (PDF) - TelCom Semiconductor, Inc

TCL1584 Datasheet PDF - TelCom Semiconductor, Inc
Part # TCL1584
Download  TCL1584 Download
File Size   144.46 Kbytes
Page   13 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS

TCL1584 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCL1584 Datasheet PDF - TelCom Semiconductor, Inc

Part # TCL1584
Download  TCL1584 Click to download

File Size   144.46 Kbytes
Page   13 Pages
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc
Description 7A / 5A / 4.6A / 3A, FAST RESPONSE, LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATORS

TCL1584 Datasheet (HTML) - TelCom Semiconductor, Inc


TCL1584 Product details

The TCL1584/1585/1587 are low dropout, positive linear voltage regulators. They have a maximum current output specification of 7A, 5A, 4.6A and 3A respectively. All three devices are supplied in fixed and adjustable output voltage versions.

FEATURES
■ Fixed and Adjustable Voltages ........ 1.5V and 3.3V
■ Optimized for Low Voltage Applications
■ Output Current Capability ..........7A / 5A / 4.6A / 3A
■ Guaranteed Dropout Voltage up to Full Rated Output
■ Integrated Thermal and Short-Circuit Protection
■ Compact 3-Pin Surface-Mount and Thru-Hole Standard Power Packages
■ VREF Accuracy ................................................. 2.0%
■ Load Regulation ............................................. 0.05%

APPLICATIONS
■ PentiumTM*, PentiumProTM* CPU Power Supplies
■ PowerPCTM* CPU Power Supplies
■ PentiumProTM* System GTL+ Bus Terminators
■ Low-Voltage, High Speed Microprocessors
■ Post-Regulator for Switch-Mode Power Supplies




Similar Part No. - TCL1584

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCL150 ETC1-TCL150 Datasheet
107Kb / 2P
6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-A ETC1-TCL150DA1-A Datasheet
107Kb / 2P
6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF1 ETC1-TCL150DA1-ACF1 Datasheet
107Kb / 2P
6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACF2 ETC1-TCL150DA1-ACF2 Datasheet
107Kb / 2P
6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
TCL150DA1-ACP1 ETC1-TCL150DA1-ACP1 Datasheet
107Kb / 2P
6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery
More results


Similar Description - TCL1584

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1585A NSC-LMS1585A Datasheet
103Kb / 8P
5A and 3A Low Dropout Fast Response Regulators
logo
Linear Technology
LT1584 LINER-LT1584 Datasheet
276Kb / 12P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_1 Datasheet
220Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1584 LINER-LT1584_15 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
LT1585 LINER-LT1585_15 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
T1587 LINER-T1587_15 Datasheet
226Kb / 16P
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
Texas Instruments
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
LMS1585A TI1-LMS1585A_17 Datasheet
1Mb / 15P
5A/LMS1587 5A and 3A Low Dropout Fast Response Regulators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com