Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3011 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SC3011 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SC3011
Download  2SC3011 Download
File Size   36.52 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon NPN Epitaxial

2SC3011 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3011 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3011
Download  2SC3011 Click to download

File Size   36.52 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Silicon NPN Epitaxial

2SC3011 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SC3011 Product details

Features
• High Gain :|S21e|2=12dB(TYP.)
• Low Noise Figure: NF=2.3dB(Typ.) f=1GHz
• High fT : fT=6.5GHz
   




Similar Part No. - 2SC3011

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
More results


Similar Description - 2SC3011

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC1890A RENESAS-2SC1890A Datasheet
172Kb / 6P
Silicon NPN Epitaxial
2SC2853 RENESAS-2SC2853 Datasheet
169Kb / 7P
Silicon NPN Epitaxial
2SC4196 RENESAS-2SC4196 Datasheet
203Kb / 8P
Silicon NPN Epitaxial
2SC4197 RENESAS-2SC4197 Datasheet
125Kb / 10P
Silicon NPN Epitaxial
2SC4784 RENESAS-2SC4784 Datasheet
220Kb / 9P
Silicon NPN Epitaxial
2SC4901 RENESAS-2SC4901 Datasheet
86Kb / 8P
Silicon NPN Epitaxial
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
2SD667 RENESAS-2SD667 Datasheet
159Kb / 6P
Silicon NPN Epitaxial
2SD1418 RENESAS-2SD1418 Datasheet
98Kb / 6P
Silicon NPN Epitaxial
2SC2396 RENESAS-2SC2396 Datasheet
145Kb / 7P
Silicon NPN Epitaxial
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com