Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ605 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SJ605 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SJ605
Download  2SJ605 Download
File Size   49.65 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistors

2SJ605 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ605 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SJ605
Download  2SJ605 Click to download

File Size   49.65 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistors

2SJ605 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SJ605 Product details

Features
● Super low on-state resistance:
    RDS(on)1 = 20 m MAX. (VGS = -10 V, ID = -33 A)
    RDS(on)2 = 31 m MAX. (VGS = -4.0 V, ID = -33 A)
● Low input capacitance
    Ciss = 4600 pF TYP. (VDS = -10 V, VGS = 0 A)
● Built-in gate protection diode




Similar Part No. - 2SJ605

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ605 NEC-2SJ605 Datasheet
84Kb / 8P
MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ605 RENESAS-2SJ605 Datasheet
219Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SJ605-S NEC-2SJ605-S Datasheet
84Kb / 8P
MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ605-S RENESAS-2SJ605-S Datasheet
219Kb / 10P
MOS FIELD EFFECT TRANSISTOR
2000
logo
NEC
2SJ605-Z NEC-2SJ605-Z Datasheet
84Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - 2SJ605

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2479 KEXIN-2SK2479 Datasheet
44Kb / 2P
MOS Field Effect Transistors
2SK2484 KEXIN-2SK2484 Datasheet
43Kb / 2P
MOS Field Effect Transistors
2SK2481 KEXIN-2SK2481 Datasheet
44Kb / 2P
MOS Field Effect Transistors
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
MOS Field Effect Transistors
2SJ356 KEXIN-2SJ356 Datasheet
49Kb / 2P
MOS Field Effect Transistors
2SJ360 KEXIN-2SJ360 Datasheet
48Kb / 2P
MOS Field Effect Transistors
logo
Renesas Technology Corp
2SK2499 RENESAS-2SK2499 Datasheet
343Kb / 10P
MOS FIELD EFFECT TRANSISTORS
1995
2SK2941 RENESAS-2SK2941 Datasheet
218Kb / 10P
MOS FIELD EFFECT TRANSISTORS
1997
2SK2359 RENESAS-2SK2359 Datasheet
257Kb / 10P
MOS FIELD EFFECT TRANSISTORS
1995
2SK2365 RENESAS-2SK2365 Datasheet
256Kb / 10P
MOS FIELD EFFECT TRANSISTORS
1995
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com