Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDB2570 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

KDB2570 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # KDB2570
Download  KDB2570 Download
File Size   51.31 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description 150V N-Channel PowerTrench MOSFET

KDB2570 Datasheet (PDF)

Go To PDF Page Download Datasheet
KDB2570 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # KDB2570
Download  KDB2570 Click to download

File Size   51.31 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description 150V N-Channel PowerTrench MOSFET

KDB2570 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


KDB2570 Product details

Features
● 22 A, 150 V. RDS(ON) = 80 mΩ @ VGS = 10 V
                        RDS(ON) = 90 mΩ @ VGS = 6 V
● Low gate charge
● Fast switching speed
● High performance trench technology for extremely
   low RDS(ON)




Similar Part No. - KDB2570

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KDB2572 KEXIN-KDB2572 Datasheet
53Kb / 2P
N-Channel PowerTrench MOSFET
More results


Similar Description - KDB2570

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB2532 FAIRCHILD-FDB2532 Datasheet
275Kb / 11P
N-Channel PowerTrench MOSFET 150V, 79A, 16m?
FDC2512 FAIRCHILD-FDC2512 Datasheet
176Kb / 5P
150V N-Channel PowerTrench MOSFET
FDD2512 FAIRCHILD-FDD2512 Datasheet
86Kb / 5P
150V N-Channel PowerTrench MOSFET
FDD2570 FAIRCHILD-FDD2570 Datasheet
99Kb / 5P
150V N-Channel PowerTrench MOSFET
FDD2572 FAIRCHILD-FDD2572 Datasheet
247Kb / 11P
N-Channel PowerTrench MOSFET 150V, 29A, 54m?
FDP2570 FAIRCHILD-FDP2570 Datasheet
81Kb / 5P
150V N-Channel PowerTrench MOSFET
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570 Datasheet
232Kb / 8P
150V N-Channel PowerTrench MOSFET
FDS2570 FAIRCHILD-FDS2570_01 Datasheet
106Kb / 6P
150V N-Channel PowerTrench MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com