Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC80C31 Datasheet (PDF) - TEMIC Semiconductors

TSC80C31 Datasheet PDF - TEMIC Semiconductors
Part # TSC80C31
Download  TSC80C31 Download
File Size   205.82 Kbytes
Page   19 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller

TSC80C31 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC80C31 Datasheet PDF - TEMIC Semiconductors

Part # TSC80C31
Download  TSC80C31 Click to download

File Size   205.82 Kbytes
Page   19 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller

TSC80C31 Datasheet (HTML) - TEMIC Semiconductors


TSC80C31 Product details

Description
The TSC80C31/80C51 is high performance SCMOS versions of the 8051 NMOS single chip 8 bit µC. The fully static design of the TSC80C31/80C51 allows to reduce system power consumption by bringing the clock frequency down to any value, even DC, without loss of data.
The TSC80C31/80C51 retains all the features of the 8051 : 4 K bytes of ROM ; 128 bytes of RAM ; 32 I/O lines ; two 16 bit timers ; a 5-source, 2-level interrupt structure ; a full duplex serial port ; and on-chip oscillator and clock circuits.

Features
• Power control modes
• 128 bytes of RAM
• 4 K bytes of ROM (TSC80C31/80C51)
• 32 programmable I/O lines
• Two 16 bit timer/counter
• 64 K program memory space
• 64 K data memory space
• Fully static design
• 0.8 µm CMOS process
• Boolean processor
• 5 interrupt sources
• Programmable serial port
• Temperature range : commercial, industrial, automotive and military




Similar Part No. - TSC80C31

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
Extended 8-bit Microcontroller with Analog Interfaces
More results


Similar Description - TSC80C31

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
8-bit CMOS Microcontroller 0-60 MHz
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
8-bit CMOS Microcontroller 0-60 MHz
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com