Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX1548X Datasheet (PDF) - Advanced Technical Materials Inc.

NX1548X Datasheet PDF - Advanced Technical Materials Inc.
Part # NX1548X
Download  NX1548X Download
File Size   75.91 Kbytes
Page   1 Pages
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.
Description 0.5-18 GHz PIN DIODE SWITCHES

NX1548X Datasheet (PDF)

Go To PDF Page Download Datasheet
NX1548X Datasheet PDF - Advanced Technical Materials Inc.

Part # NX1548X
Download  NX1548X Click to download

File Size   75.91 Kbytes
Page   1 Pages
Manufacturer  ATM [Advanced Technical Materials Inc.]
Direct Link  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.
Description 0.5-18 GHz PIN DIODE SWITCHES

NX1548X Datasheet (HTML) - Advanced Technical Materials Inc.




Similar Part No. - NX1548X

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
NX154FZ ATM-NX154FZ Datasheet
72Kb / 1P
OUTLINE, Z-PACKAGE MICROWAVE NOISE SOURCE
More results


Similar Description - NX1548X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW110 MACOM-MA4SW110 Datasheet
208Kb / 8P
Monolithic PIN Diode Switches
logo
Hittite Microwave Corpo...
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
Mimix Broadband
CSW0118-BD MIMIX-CSW0118-BD_07 Datasheet
294Kb / 4P
0.5-18 GHz GaAs pHEMT MMIC SPDT Switch
logo
List of Unclassifed Man...
SP3T ETC2-SP3T Datasheet
33Kb / 1P
PIN Diode Switches 0.5 to 18.0GHz Non-Reflective
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
SPDT PIN DIODE SWITCHES
logo
Transcom, Inc.
TM005-180-09-03 TRANSCOM-TM005-180-09-03 Datasheet
27Kb / 1P
0.5 ~ 18 GHz 5 dBm Gain Module
logo
M/A-COM Technology Solu...
MA4SW101-287T MA-COM-MA4SW101-287T Datasheet
107Kb / 4P
Surface Mount Monolithic PIN Diode Switches 50 MHz - 4 GHz
MSW206X-206 MA-COM-MSW206X-206 Datasheet
1Mb / 16P
SP2T PIN Diode Switches
MSW320X-320 MA-COM-MSW320X-320 Datasheet
958Kb / 14P
SP3T PIN Diode Switches
MSW6000-600 MA-COM-MSW6000-600 Datasheet
971Kb / 12P
SP6T PIN Diode Switches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com