Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1384 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SA1384 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SA1384
Download  2SA1384 Download
File Size   728.09 Kbytes
Page   4 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description High Voltage Control Applications

2SA1384 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1384 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1384
Download  2SA1384 Click to download

File Size   728.09 Kbytes
Page   4 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description High Voltage Control Applications

2SA1384 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SA1384 Product details

Features
• High Voltage: VCBO = -300V , VCEO = -300V
• Low Saturation Voltage: VCE(sat) = -0.5V (max)
• Small Collector Output Capacitance: Cob = 6pF
• PC = 1 to 2W (mounted on ceramic substrate)
• Small Flat Package
• Complementary to 2SC3515




Similar Part No. - 2SA1384

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1384 TOSHIBA-2SA1384 Datasheet
268Kb / 5P
TRANSISTOR (HIGH VOLTAGE CONTROL, PLASMA DISPLAY, NIXIE TYBE DRIVER , CATHODE RAY TUBE BRIGHTNESS CONTROL APPLICATIONS)
2SA1384 TOSHIBA-2SA1384 Datasheet
203Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
More results


Similar Description - 2SA1384

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4497 TOSHIBA-2SC4497 Datasheet
169Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH VOLTAGE CONTROL APPLICATIONS)
MIG75Q7CSB1X TOSHIBA-MIG75Q7CSB1X Datasheet
168Kb / 11P
High Power Switching Applications Motor Control Applications
SF1500GX22 TOSHIBA-SF1500GX22 Datasheet
194Kb / 3P
HIGH POWER CONTROL APPLICATIONS
2SA1091 TOSHIBA-2SA1091_07 Datasheet
654Kb / 4P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1384 TOSHIBA-2SA1384_07 Datasheet
203Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
logo
Guangdong Kexin Industr...
2SC3515 KEXIN-2SC3515 Datasheet
729Kb / 4P
High Voltage Control Applications
logo
Toshiba Semiconductor
2SA1432 TOSHIBA-2SA1432_09 Datasheet
159Kb / 6P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SA1721 TOSHIBA-2SA1721_07 Datasheet
192Kb / 5P
High Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC3515 TOSHIBA-2SC3515_04 Datasheet
195Kb / 6P
HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
2SC4497 TOSHIBA-2SC4497_03 Datasheet
117Kb / 5P
High Voltage Control Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com