Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3443 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SC3443 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SC3443
Download  2SC3443 Download
File Size   52.43 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Small Signal Transistor

2SC3443 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3443 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC3443
Download  2SC3443 Click to download

File Size   52.43 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Small Signal Transistor

2SC3443 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SC3443 Product details

Features

• High hFE=150 to 800.

• High collector current (Ic=2A).

• High collector dissipation Pc=500mW.

• Low VCE(sat): VCE(sat)=0.17V typ(@Ic=1A,IB=50mA).

• Small package for mounting.



 




Similar Part No. - 2SC3443

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3443 ISAHAYA-2SC3443 Datasheet
141Kb / 4P
FOR HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Guangdong Kexin Industr...
2SC3443-E KEXIN-2SC3443-E Datasheet
922Kb / 3P
NPN Transistors
2SC3443-F KEXIN-2SC3443-F Datasheet
922Kb / 3P
NPN Transistors
2SC3443-G KEXIN-2SC3443-G Datasheet
922Kb / 3P
NPN Transistors
2SC3443 KEXIN-2SC3443_15 Datasheet
922Kb / 3P
NPN Transistors
More results


Similar Description - 2SC3443

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD444104 SENSITRON-SHD444104 Datasheet
155Kb / 2P
SMALL SIGNAL TRANSISTOR
logo
Isahaya Electronics Cor...
2SC4258 ISAHAYA-2SC4258 Datasheet
316Kb / 6P
SMALL-SIGNAL TRANSISTOR
2SC3581 ISAHAYA-2SC3581 Datasheet
121Kb / 3P
SMALL-SIGNAL TRANSISTOR
2SC5974A ISAHAYA-2SC5974A Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
2SC5974B ISAHAYA-2SC5974B Datasheet
78Kb / 4P
SMALL-SIGNAL TRANSISTOR
ISA1989AU1 ISAHAYA-ISA1989AU1 Datasheet
139Kb / 3P
SMALL-SIGNAL TRANSISTOR
ISA1530AC1 ISAHAYA-ISA1530AC1 Datasheet
115Kb / 3P
SMALL-SIGNAL TRANSISTOR
RT1N137P ISAHAYA-RT1N137P Datasheet
146Kb / 3P
SMALL-SIGNAL TRANSISTOR
logo
Guangdong Kexin Industr...
2SC5214 KEXIN-2SC5214 Datasheet
51Kb / 1P
Small Signal Transistor
FMMT5089 KEXIN-FMMT5089 Datasheet
35Kb / 1P
Small Signal Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com