Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM78M09 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

LM78M09 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # LM78M09
Download  LM78M09 Download
File Size   55.24 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Three-Terminal Positive Voltage Regulator

LM78M09 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM78M09 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # LM78M09
Download  LM78M09 Click to download

File Size   55.24 Kbytes
Page   2 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description Three-Terminal Positive Voltage Regulator

LM78M09 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


LM78M09 Product details

Features

Maximum Output current IOM:0.5A

Output Voltage VO:9V

Continuous Total Dissipation PD: 1.25W (TA=25°C)




Similar Part No. - LM78M09

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM78M09 FCI-LM78M09 Datasheet
529Kb / 7P
LM78M00Series-Terminal Low Current Positive Voltage Regulators
logo
Cystech Electonics Corp...
LM78M09J3 CYSTEKEC-LM78M09J3 Datasheet
466Kb / 12P
Three Terminal Medium Current Positive Voltage Regulators
LM78M09J3 CYSTEKEC-LM78M09J3 Datasheet
466Kb / 12P
Three Terminal Medium Current Positive Voltage Regulators
LM78M09M3 CYSTEKEC-LM78M09M3 Datasheet
314Kb / 10P
Three Terminal Medium Current Positive
More results


Similar Description - LM78M09

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com