Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2N7002 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2N7002
Download  2N7002 Download
File Size   43.36 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description N-Channel MOSFET

2N7002 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2N7002
Download  2N7002 Click to download

File Size   43.36 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description N-Channel MOSFET

2N7002 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2N7002 Product details

Features
● High density cell design for low RDS(ON)
● Voltage controlled small signal switch
● Rugged and reliable
● High saturation current capability

Drain-Source voltage VDS 60 V
Drain Current ID 115 mA
Power Dissipation PD 225 mW




Similar Part No. - 2N7002

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002 PANJIT-2N7002 Datasheet
91Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
NXP Semiconductors
2N7002 PHILIPS-2N7002 Datasheet
76Kb / 12P
N-channel vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7002 SUTEX-2N7002 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
2N7002 VISHAY-2N7002 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
logo
Zetex Semiconductors
2N7002 ZETEX-2N7002 Datasheet
25Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Similar Description - 2N7002

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com