Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1586 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

2SK1586 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # 2SK1586
Download  2SK1586 Download
File Size   45.11 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK1586 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1586 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK1586
Download  2SK1586 Click to download

File Size   45.11 Kbytes
Page   1 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description MOS Field Effect Transistor

2SK1586 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


2SK1586 Product details

Features
● Directly driven by Ics having a 3V power supply.
● Has low on-state resistance
    RDS(on)=1.0 MAX.@VGS=4.0V,ID=0.5A
    RDS(on)=0.6 MAX.@VGS=10V,ID=0.5A




Similar Part No. - 2SK1586

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1586 NEC-2SK1586 Datasheet
312Kb / 6P
N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1586 RENESAS-2SK1586 Datasheet
531Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1991
logo
Guangdong Kexin Industr...
2SK1586-HF KEXIN-2SK1586-HF Datasheet
1Mb / 4P
N-Channel MOSFET
2SK1586 KEXIN-2SK1586_15 Datasheet
1Mb / 4P
N-Channel MOSFET
More results


Similar Description - 2SK1586

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com