Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB804 Datasheet (PDF) - Vishay Siliconix

BB804 Datasheet PDF - Vishay Siliconix
Part # BB804
Download  BB804 Download
File Size   47.4 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Epitaxial Planar Dual Capacitance Diode

BB804 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB804 Datasheet PDF - Vishay Siliconix

Part # BB804
Download  BB804 Click to download

File Size   47.4 Kbytes
Page   3 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Silicon Epitaxial Planar Dual Capacitance Diode

BB804 Datasheet (HTML) - Vishay Siliconix


BB804 Product details

Features
• Silicon Epitaxial Planar Diode
• Common cathode
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC

Applications
Tuning of separate resonant circuits,
push-pull circuits in FM range,
especially for car radios

Mechanical Data
Case: SOT-23 Plastic case
Weight: approx. 8.1 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box




Similar Part No. - BB804

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB804 PHILIPS-BB804 Datasheet
58Kb / 8P
VHF variable capacitance double diode
1998 Nov 25
logo
Siemens Semiconductor G...
BB804 SIEMENS-BB804 Datasheet
60Kb / 3P
Silicon Variable Capacitance Diode (For FM tuners Monolithic chip with common cathode for perfect tracking of both diodes)
logo
Infineon Technologies A...
BB804 INFINEON-BB804 Datasheet
408Kb / 3P
Silicon Variable Capacitance Diode
Nov-07-2002
BB804 INFINEON-BB804 Datasheet
61Kb / 5P
Silicon Variable Capacitance Diode
2007-04-20
logo
NXP Semiconductors
BB804W PHILIPS-BB804W Datasheet
58Kb / 8P
VHF variable capacitance double diode
1998 Nov 25
More results


Similar Description - BB804

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BB814 VISHAY-BB814 Datasheet
46Kb / 3P
Silicon Epitaxial Planar Dual Capacitance Diode
01-Apr-99
BB824 VISHAY-BB824 Datasheet
46Kb / 3P
Silicon Epitaxial Planar Dual Capacitance Diode
01-Apr-99
logo
Semtech Corporation
BB221 SEMTECH-BB221 Datasheet
178Kb / 4P
Silicon Epitaxial Planar Capacitance Diode
BB621 SEMTECH-BB621 Datasheet
173Kb / 4P
Silicon Epitaxial Planar Capacitance Diode?
logo
KEC(Korea Electronics)
KDS2236M KEC-KDS2236M Datasheet
199Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV1430 KEC-KDV1430 Datasheet
207Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV1470 KEC-KDV1470 Datasheet
36Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV1471 KEC-KDV1471 Datasheet
71Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
KDV348E KEC-KDV348E Datasheet
50Kb / 2P
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
logo
List of Unclassifed Man...
BB304 ETC1-BB304 Datasheet
293Kb / 1P
Silicon Epitaxial Planar Dual Capacitance Diodes
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com