Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3506AIFE Datasheet (PDF) - Linear Technology

3506AIFE Datasheet PDF - Linear Technology
Part # 3506AIFE
Download  3506AIFE Download
File Size   679.81 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Monolithic 1.6A Step-Down Switching Regulator

3506AIFE Datasheet (PDF)

Go To PDF Page Download Datasheet
3506AIFE Datasheet PDF - Linear Technology

Part # 3506AIFE
Download  3506AIFE Click to download

File Size   679.81 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description Dual Monolithic 1.6A Step-Down Switching Regulator

3506AIFE Datasheet (HTML) - Linear Technology




Similar Part No. - 3506AIFE

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
3506A KIA-3506A Datasheet
319Kb / 6P
70A竊?0V N-CHANNEL MOSFET
More results


Similar Description - 3506AIFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
Dual Monolithic 1.4A Step-Down Switching Regulator
logo
Linear Dimensions Semic...
LT1940LEFE LINEAR_DIMENSIONS-LT1940LEFE Datasheet
286Kb / 20P
Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
logo
Linear Technology
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com