Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1010B-2PL84B Datasheet (PDF) - Actel Corporation

A1010B-2PL84B Datasheet PDF - Actel Corporation
Part # A1010B-2PL84B
Download  A1010B-2PL84B Download
File Size   162.6 Kbytes
Page   24 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ACT 1 Series FPGAs

A1010B-2PL84B Datasheet (PDF)

Go To PDF Page Download Datasheet
A1010B-2PL84B Datasheet PDF - Actel Corporation

Part # A1010B-2PL84B
Download  A1010B-2PL84B Click to download

File Size   162.6 Kbytes
Page   24 Pages
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ACT 1 Series FPGAs

A1010B-2PL84B Datasheet (HTML) - Actel Corporation


A1010B-2PL84B Product details

Description

The ACT™ 1 Series of field programmable gate arrays (FPGAs) offers a variety of package, speed, and application combinations. Devices are implemented in silicon gate, 1-micron two-level metal CMOS, and they employ Actel’s PLICE®  antifuse technology. The unique architecture offers gate array flexibility, high performance, and instant turnaround through user programming. Device utilization is typically 95 to 100 percent of available logic modules.



Features

• 5V and 3.3V Families fully compatible with JEDEC specifications

• Up to 2000 Gate Array Gates (6000 PLD equivalent gates)

• Replaces up to 50 TTL Packages

• Replaces up to twenty 20-Pin PAL®  Packages

• Design Library with over 250 Macro Functions

• Gate Array Architecture Allows Completely Automatic Place and Route

• Up to 547 Programmable Logic Modules

• Up to 273 Flip-Flops

• Data Rates to 75 MHz

• Two In-Circuit Diagnostic Probe Pins Support Speed Analysis to 25 MHz

• Built-In High Speed Clock Distribution Network

• I/O Drive to 10 mA (5 V), 6 mA (3.3 V)

• Nonvolatile, User Programmable

• Fabricated in 1.0 micron CMOS technology4



 




Similar Part No. - A1010B-2PL84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
ACT 1 Series FPGAs
April 1996
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
ACT 1 Series FPGAs
More results


Similar Description - A1010B-2PL84B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
Accelerator Series FPGAs - ACT 3Family
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
ACT??1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
ACT 2 Family FPGAs
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
ACT 1 Series FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
ACT 2 Family FPGAs
logo
Actel Corporation
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
ACT 1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
ACT 2 Family FPGAs
logo
Actel Corporation
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
ACT 1 Series FPGAs
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
ACT 1 Series FPGAs
April 1996
More results




About Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com