Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D45H2A Datasheet (PDF) - Mospec Semiconductor

D45H2A Datasheet PDF - Mospec Semiconductor
Part # D45H2A
Download  D45H2A Download
File Size   86.16 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,30V,60W)

D45H2A Datasheet (PDF)

Go To PDF Page Download Datasheet
D45H2A Datasheet PDF - Mospec Semiconductor

Part # D45H2A
Download  D45H2A Click to download

File Size   86.16 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(10A,30V,60W)

D45H2A Datasheet (HTML) - Mospec Semiconductor


D45H2A Product details





Similar Part No. - D45H2A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
D45H2A FAIRCHILD-D45H2A Datasheet
32Kb / 3P
PNP Power Amplifier
More results


Similar Description - D45H2A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BU406D MOSPEC-BU406D Datasheet
107Kb / 3P
POWER TRANSISTORS(7A,150-200V,60W)
D45H1A MOSPEC-D45H1A Datasheet
88Kb / 2P
POWER TRANSISTORS(10A,15V,60W)
D45H1B MOSPEC-D45H1B Datasheet
91Kb / 2P
POWER TRANSISTORS(10A,10V,60W)
logo
Rohm
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
Pch -30V -10A Power MOSFET
RSS100N03FRA ROHM-RSS100N03FRA Datasheet
2Mb / 15P
Nch 30V 10A Power MOSFET
RQ3E100MN ROHM-RQ3E100MN Datasheet
612Kb / 11P
Nch 30V 10A Power MOSFET
2SAR582D3 ROHM-2SAR582D3 Datasheet
1Mb / 11P
PNP -10A -30V Power Transistor
2SCR582D3 ROHM-2SCR582D3 Datasheet
1Mb / 11P
NPN 10A 30V Power Transistor
RSS100N03HZG ROHM-RSS100N03HZG Datasheet
2Mb / 14P
Nch 30V 10A Power MOSFET
RRS100P03HZG ROHM-RRS100P03HZG Datasheet
2Mb / 14P
Pch -30V -10A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com